Electronic Components Datasheet Search
  English  ▼

X  

91230 Datasheet(PDF) 5 Page - Wiha Tools

Part # 91230
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

91230 Datasheet(HTML) 5 Page - Wiha Tools

  91230 Datasheet HTML 1Page - Wiha Tools 91230 Datasheet HTML 2Page - Wiha Tools 91230 Datasheet HTML 3Page - Wiha Tools 91230 Datasheet HTML 4Page - Wiha Tools 91230 Datasheet HTML 5Page - Wiha Tools 91230 Datasheet HTML 6Page - Wiha Tools 91230 Datasheet HTML 7Page - Wiha Tools 91230 Datasheet HTML 8Page - Wiha Tools 91230 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Inch Open-End Wrenches, With Insulated Handle
Insulation According to VDE Specification 0680 and EN/IEC 60900,
DIN 7446 and CSA, up to 1000 Volt. Individually Tested.
Chrome-vanadium steel, hardened. Angled 15O.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/4
87.5
3.4
.04
1
5/16
100
3.9
.05
1
3/8
105
4.1
.09
1
7/16
117
4.6
.09
1
1/2
140
5.5
.15
1
9/16
146
5.7
.15
1
5/8
158
6.2
.20
1
11/16
165
6.5
.23
1
3/4
178
7.0
.33
1
13/16
191
7.5
.42
1
7/8
192
7.6
.44
1
15/16
201
7.9
.51
1
1
213
8.4
.61
1
1-1/16
233
9.2
.79
1
1-1/8
233
9.2
.77
1
* Lengths are +/- 5% due to coating process
1000Volt
Metric Open-End Wrenches, With Insulated Handle
Insulation According to VDE Specification 0680 and EN/IEC 60900,
DIN 7446 and CSA, up to 1000 Volt. Individually Tested.
Chrome-vanadium steel, hardened. Angled 15O.
Item
OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
6.0
97
3.8
.04
1
7.0
98
3.9
.05
1
8.0
104
4.1
.07
1
9.0
108
4.3
.07
1
10.0
107
4.2
.08
1
11.0
118
4.6
.11
1
12.0
129
5.1
.11
1
13.0
137
5.4
.19
1
14.0
150
5.9
.19
1
15.0
151
5.9
.17
1
16.0
164
6.5
.22
1
17.0
168
6.4
.24
1
18.0
173
6.8
.41
1
19.0
178
7.0
.32
1
20.0
190
6.9
.36
1
22.0
196
7.7
.39
1
24.0
211
8.3
.58
1
27.0
218
8.6
.68
1
30.0
235
9.3
.97
1
32.0
237
9.3
1.01
1
1000Volt
5
13 Piece Insulated Inch Open End Wrench Set
In Tool Box Tray
Item
OAL
OAL
No.
Inch
Inch
Inch
Inch
lbs.
1/4
3.4
11/16
6.5
4.90
5/16
3.9
3/4
7.0
3/8
4.1
13/16
7.5
7/16
4.6
7/8
7.6
1/2
5.5
15/16
7.9
9/16
5.7
1
8.4
5/8
6.2
1000Volt
13 Pc. Insulated Metric Open End Wrench Set
In Tool Box Tray
Item
OAL
OAL
No.
mm
mm
mm
mm
lbs.
8.0
104
16.0
164
4.90
10.0
107
17.0
168
11.0
118
18.0
173
12.0
129
19.0
178
13.0
137
22.0
196
14.0
150
24.0
211
15.0
151
In Tool Box Tray
1000Volt
In Tool Box Tray
20131
20133
20135
20136
20137
20138
20140
20141
20142
20144
20145
20146
20147
20148
20149
200
20006
20007
20008
20009
20010
20011
20012
20013
20014
20015
20016
20017
20018
20019
20020
20022
20024
20027
20030
20032
201
20194
20194
20196
20196
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com