Electronic Components Datasheet Search
  English  ▼

X  

AFV10700HS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFV10700HS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700HS Datasheet(HTML) 2 Page - NXP Semiconductors

  AFV10700HS Datasheet HTML 1Page - NXP Semiconductors AFV10700HS Datasheet HTML 2Page - NXP Semiconductors AFV10700HS Datasheet HTML 3Page - NXP Semiconductors AFV10700HS Datasheet HTML 4Page - NXP Semiconductors AFV10700HS Datasheet HTML 5Page - NXP Semiconductors AFV10700HS Datasheet HTML 6Page - NXP Semiconductors AFV10700HS Datasheet HTML 7Page - NXP Semiconductors AFV10700HS Datasheet HTML 8Page - NXP Semiconductors AFV10700HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
RF Device Data
NXP Semiconductors
AFV10700H AFV10700HS
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +105
Vdc
Gate--Source Voltage
VGS
–6.0, +10
Vdc
Operating Voltage
VDD
55, +0
Vdc
Storage Temperature Range
Tstg
– 65to+150
°C
Case Operating Temperature Range
TC
–55 to +150
°C
Operating Junction Temperature Range (1,2)
TJ
–55 to +225
°C
Total Device Dissipation @ TC =25°C
Derate above 25°C
PD
526
2.63
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Impedance, Junction to Case
Pulse: Case Temperature 75°C, 730 W Peak, 128 μsec Pulse Width,
10% Duty Cycle, 50 Vdc, IDQ(A+B) = 100 mA, 1030 MHz
ZθJC
0.030
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2, passes 2000 V
Charge Device Model (per JESD22--C101)
C3, passes 2000 V
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (4)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID =10 μA)
V(BR)DSS
105
—
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
1
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 105 Vdc, VGS =0 Vdc)
IDSS
—
—
10
μAdc
On Characteristics
Gate Threshold Voltage (4)
(VDS =10 Vdc, ID = 260 μAdc)
VGS(th)
1.3
1.8
2.3
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, IDQ(A+B) = 100 mAdc, Measured in Functional Test)
VGS(Q)
1.6
2.1
2.6
Vdc
Drain--Source On--Voltage (4)
(VGS =10 Vdc, ID =2.6 Adc)
VDS(on)
—
0.28
—
Vdc
Dynamic Characteristics (4,5)
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.16
—
pF
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.nxp.com/RF/calculators.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
4. Each side of device measured separately.
5. Part internally matched both on input and output.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com