Electronic Components Datasheet Search
  English  ▼

X  

AFV10700HS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFV10700HS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700HS Datasheet(HTML) 4 Page - NXP Semiconductors

  AFV10700HS Datasheet HTML 1Page - NXP Semiconductors AFV10700HS Datasheet HTML 2Page - NXP Semiconductors AFV10700HS Datasheet HTML 3Page - NXP Semiconductors AFV10700HS Datasheet HTML 4Page - NXP Semiconductors AFV10700HS Datasheet HTML 5Page - NXP Semiconductors AFV10700HS Datasheet HTML 6Page - NXP Semiconductors AFV10700HS Datasheet HTML 7Page - NXP Semiconductors AFV10700HS Datasheet HTML 8Page - NXP Semiconductors AFV10700HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
RF Device Data
NXP Semiconductors
AFV10700H AFV10700HS
TYPICAL CHARACTERISTICS
1
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
10
Measured with ±30 mV (rms) ac @ 1 MHz
VGS =0 Vdc
Note: Each side of device measured separately.
30
40
50
Figure 3. Normalized VGS versus Quiescent
Current and Case Temperature
TC, CASE TEMPERATURE (°C)
100
–50
0
–25
25
50
75
100
–2.73
IDQ (mA)
Slope (mV/°C)
500
–2.39
1500
–2.09
–75
0.90
0.93
0.96
0.99
1.02
1.05
1.11
1.08
100
Crss
IDQ(A+B) = 100 mA
500 mA
1000 mA
VDD =50 Vdc
250
108
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. MTTF versus Junction Temperature – Pulse
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
MTTF calculator available at http://www.nxp.com/RF/calculators.
106
105
104
110
130
150
170
190
210
230
107
109
ID = 19.67 Amps
24.39 Amps
28.40 Amps
VDD =50 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com