Electronic Components Datasheet Search
  English  ▼

X  

CHR2391 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHR2391
Description  12-16GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2391 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHR2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12 -16GHz Integrated Down Converter
CHR2391
Ref. : : DSCHR23915263 - 20 Sep 05
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
Note : Supply feed should be capacitively bypassed. 25µm diameter gold wire is recommended
Bonding pad positions
Chip thickness : 100µm
To Vg(multiplier) DC Gate supply
To Vg(Buffer) DC Gate supply
To
VdL(lna) +VdM(x2+buffer)
DC Gate supply
To Vg (mixer) DC Gate supply
To Vg (lna) DC Gate supply
Unit : µm
Tol : + / - 35µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com