Electronic Components Datasheet Search
  English  ▼

X  

CHR2391 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2391
Description  12-16GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2391 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHR2391
RoHS COMPLIANT
Ref. : DSCHR23915263 - 20 Sep 05
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12-16GHz Integrated Down Converter
GaAs Monolithic Microwave IC
Description
The CHR2391 is a multifunction chip which
integrates a LO time two multiplier, a balanced
cold FET mixer, and a RF LNA. It is designed for
a wide range of applications, typically commercial
communication systems. The backside of the
chip is both RF and DC grounds. This helps to
simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate and air bridges.
It is available in chip form.
Main Features
• Broadband performances : 12.0-16.0GHz
• 15 dB conversion gain
• 2dB noise figure
• 10dBm LO input power
• -10dBm RF input power (1dB gain comp.)
• Low DC power consumption, 100mA@3.5V
• Chip size : 2.49 X 2.13 X 0.10 mm
Typical on wafer measurement:
Conversion Gain & Image suppression
@ IF=0.9 & 1.5GHz
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
10,0 10,5 11,0 11,5 12,0 12,5 13,0 13,5 14,0 14,5 15,0 15,5 16,0 16,5 17,0 17,5
RF Frequency GHz
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
12
16
GHz
FLO
LO frequency range
5.25
7.25
GHz
FIF
IF frequency range
0.25
1.5
GHz
Gc
Conversion gain
13
+15
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
2 LO frequency


Similar Part No. - CHR2391

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2391 UMS-CHR2391 Datasheet
207Kb / 6P
12-16GHz Integrated Down Converter
CHR2391-9900 UMS-CHR2391-9900 Datasheet
207Kb / 6P
12-16GHz Integrated Down Converter
CHR2391-99F UMS-CHR2391-99F Datasheet
207Kb / 6P
12-16GHz Integrated Down Converter
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
12-16GHz Integrated Down Converter
More results

Similar Description - CHR2391

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291_04 Datasheet
89Kb / 6P
12-17GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG Datasheet
357Kb / 16P
7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR2291 UMS-CHR2291_11 Datasheet
120Kb / 6P
12-17GHz Integrated Down Converter
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
12-16GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
12-16GHz Integrated Down Converter
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
10-16GHz Integrated Down Converter
CHR2291 UMS-CHR2291_15 Datasheet
131Kb / 6P
12-17GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
7-16GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
12-16GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com