Electronic Components Datasheet Search
  English  ▼

X  

76802 Datasheet(PDF) 10 Page - Wiha Tools

Part # 76802
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76802 Datasheet(HTML) 10 Page - Wiha Tools

Back Button 76802 Datasheet HTML 6Page - Wiha Tools 76802 Datasheet HTML 7Page - Wiha Tools 76802 Datasheet HTML 8Page - Wiha Tools 76802 Datasheet HTML 9Page - Wiha Tools 76802 Datasheet HTML 10Page - Wiha Tools 76802 Datasheet HTML 11Page - Wiha Tools 76802 Datasheet HTML 12Page - Wiha Tools 76802 Datasheet HTML 13Page - Wiha Tools 76802 Datasheet HTML 14Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
Security
Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size
mm lbs.
70150
T7s
25
.03
70151
T8s
25
.03
70152
T9s
25
.03
70153
T10s 25
.03
70154
T15s 25
.03
70155
T20s 25
.03
70156
T25s 25
.03
70157
T27s 25
.03
70158
T30s 25
.03
70159
T40s 25
.03
Wiha Security
Insert Bits and Power Bits
Security
Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm pkg. lbs.
70507
T7s
50
10
.18
70508
T8s
50
10
.18
70509
T9s
50
10
.18
70510
T10s 50
10
.19
70515
T15s 50
10
.19
70520
T20s 50
10
.21
70525
T25s 50
10
.23
70527
T27s 50
10
.23
70530
T30s 50
10
.23
70540
T40s 50
10
.23
70545
T45s 50
10
.33
70550
T50s 50
10
.37
70555
T55s 50
10
.37
Security
Bits, 1/4”
Item
No.
Size
mm
pkg. lbs.
70127
T7s
25
10
.12
70128
T8s
25
10
.12
70129
T9s
25
10
.12
70135
T10s 25
10
.12
70139
T15s 25
10
.12
70142
T20s 25
10
.12
70148
T25s 25
10
.12
70160
T27s 25
10
.13
70163
T30s 25
10
.13
70168
T40s 25
10
.14
Security
Bits, 5/16”
Item
No.
Size
mm
pkg. lbs.
72542
T40s 35
10
.28
72547
T45s 35
10
.32
72552
T50s 35
10
.34
72557
T55s 35
10
.52
Security
Bits, 5/16” 2 Bit Pk.
Item
No.
Size
mm
lbs.
72562
T40s
35
.28
72563
T45s
35
.29
72564
T50s
35
.30
72567
T55s
35
.32
5/16”
Security
Power Bit Packs, 2
”
Item
No.
Size
mm lbs.
70556
T7s
50
.07
70557
T8s
50
.07
70558
T9s
50
.07
70559
T10s 50
.07
70560
T15s 50
.07
70561
T20s 50
.07
70562
T25s 50
.07
70563
T27s 50
.07
70564
T30s 50
.07
70565
T40s 50
.07
70566
T45s 50
.08
70567
T50s 50
.08
70568
T55s 50
.09
Tamper
Resistant
Torx®
Made in
Germany -
Production
Quality
Highly resistant
to wear and
tear for a
long tool life
Suitable for all applications
for both manual and machine
Hardness HRC 59-61
Impact resistant modified
CVM tool steel, hardened
2 bit
pack
2 bit
pack
2 bit
pack
Security
701
725
701
725
705
705
Security
Power Bits
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
Size
mm pkg. lbs.
70533
T10s 90
5
.02
70534
T15s 90
5
.02
70535
T20s 90
5
.02
70536
T25s 90
5
.02
70537
T27s 90
5
.03
70538
T30s 90
5
.03
70539
T40s 90
5
.04
705
Proturn Security
Power Bits
1/4” Hex Drive, Length 3.0”/75mm
Item
No.
Size
mm pkg. lbs.
74566
T10s 75
5
.01
74568
T15s 75
5
.01
74570
T20s 75
5
.01
74572
T25s 75
5
.02
74574
T27s 75
5
.02
74576
T30s 75
5
.03
745
Made in Taiwan
5 bit packs
5 bit packs
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com