Electronic Components Datasheet Search
  English  ▼

X  

76802 Datasheet(PDF) 36 Page - Wiha Tools

Part # 76802
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76802 Datasheet(HTML) 36 Page - Wiha Tools

Back Button 76802 Datasheet HTML 32Page - Wiha Tools 76802 Datasheet HTML 33Page - Wiha Tools 76802 Datasheet HTML 34Page - Wiha Tools 76802 Datasheet HTML 35Page - Wiha Tools 76802 Datasheet HTML 36Page - Wiha Tools 76802 Datasheet HTML 37Page - Wiha Tools 76802 Datasheet HTML 38Page - Wiha Tools 76802 Datasheet HTML 39Page - Wiha Tools 76802 Datasheet HTML 40Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
Wiha SYSTEM 4 Micro Bits
1/4” Drive Micro Bit
Tool Adapters
Micro Bit To 1/4” Drive Insert Bit
Adapter magnets to hold 4mm Micro Bits
Item
No.
Size
mm
mm
lbs.
75802
4.0
25
4.0
.01
75802
Long Micro Bit To 1/4” Drive Insert
Bit Adapter Uses spring clip non-magnetic to
hold 4mm Micro Bits
Item
No.
Size
mm
mm
lbs.
75803
4.0
38
4.0
.02
75803
#75802
#75803
SYSTEM 4 Metric Nut Setters
CVM steel, hardened, on 4 mm hex stock.
Item No.
Metric
mm
mm
Inch
lbs.
75820
2.0
30
1.2
.01
75821
2.5
30
1.2
.01
75822
3.0
30
1.2
.01
75823
3.5
30
1.2
.01
75824
4.0
30
1.2
.01
75825
4.5
30
1.2
.01
75826
5.0
30
1.2
.01
75827
5.5
30
1.2
.01
758
SYSTEM 4 Pentalobe Micro Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
Size mm
Inch lbs.
75743
PL1 28
1.1
.01
75744
PL2 28
1.1
.01
75745
PL3 28
1.1
.01
75746
PL4 28
1.1
.01
75747
PL5 28
1.1
.01
75748
PL6 28
1.1
.01
757
Micro Bit 1/4” Drive Power Tool
Adapter Shaft CVM steel, hardened,
corrosion protected. For 4mm bits. 2.3” OAL
Item
No.
Size
mm
mm
lbs.
75902
4.0
60
4.0
.07
75902
Micro Bit 1/4” Drive Power
Tool Adapter
Extension Blade For SYS 4 Micro Bits
Shaft CVM steel, hardened, corrosion protected.
Ball retainer bit extension for 4mm bits.
Item
No.
Size
mm
mm
lbs.
75900
4.0
100
4.0
.07
75900
Magnetic Bit Extension Blade For
SYS 4 Micro Bits Shaft CVM steel, hardened,
corrosion protected. Magnetic bit holder.
Item
No.
Size
mm
mm
lbs.
75901
4.0
100
4.0
.04
75901
SYSTEM 4 Micro Bit
Extension Blades
SYSTEM 4 Inch Nut Setters
CVM steel, hardened, on 4 mm hex stock.
Item No.
Inch
mm
mm
Inch
lbs.
75810
5/64
30
1.2
.01
75811
3/32
30
1.2
.01
75812
7/64
30
1.2
.01
75813
1/8
30
1.2
.01
75814
9/64
30
1.2
.01
75815
5/32
30
1.2
.01
75816
3/16
30
1.2
.01
75817
7/32
30
1.2
.01
758
Wiha SYS 4 Micro Bits
Compact Bit Sets
SYSTEM 4 Master Tech Micro Bit
Set, 68 Pcs. Includes Wiha ESD Safe Precision
Handle, Micro Bit Storage Handle, 1/4” to 4mm
Adapter, 100mm Bit Extension & 64 Micro Bits.
Item No. SYSTEM 4 Micro Bit Set
75968
Includes The Following Bits:
Slotted: 0.8, 1.2, 1.5,
1.8, 2.0, 2.5, 3.0, 3.5, 4.0mm
Phillips: 000, 00, 0, 1, 2
: T1, T2, T3, T4, T5,
T6, T7, T8, T9, T10, T15, T20
Hex Metric: 1.3, 1.5, 2.0, 2.5, 3.0, 4.0mm
Hex Inch: .028, .035, .050, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Pentalobe: PL1, PL2, PL3, PL4, PL5, PL6
Nut Driver Metric: 2.0, 2.5, 3.0, 3.5,
4.0, 4.5, 5.0, 5.5mm
Nut Driver Inch: 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32”
lbs. .70
75968
D
Includes
Dust Cover
SYSTEM 4 Master Tech Micro Bit
Set, 68 Pcs. Includes Wiha ESD Safe Precision
Handle, Micro Bit Storage Handle, 1/4” to 4mm
Adapter, 100mm Bit Extension & 64 Micro Bits.
Item No. SYSTEM 4 Micro Bit Set
75971
Includes The Following Bits:
Slotted: 0.8, 1.2, 1.5,
1.8, 2.0, 2.5, 3.0, 3.5, 4.0mm
Phillips: 000, 00, 0, 1, 2
: T1, T2, T3, T4, T5,
T6, T7, T8, T9, T10, T15, T20
Hex Metric: 1.3, 1.5, 2.0, 2.5, 3.0, 4.0mm
Hex Inch: .028, .035, .050, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Pentalobe: PL1, PL2, PL3, PL4, PL5, PL6
Nut Driver Metric: 2.0, 2.5, 3.0, 3.5,
4.0, 4.5, 5.0, 5.5mm
Nut Driver Inch: 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32”
lbs. .96
75971
D
In Zipper
Storage Case
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com