Electronic Components Datasheet Search
  English  ▼

X  

33404 Datasheet(PDF) 23 Page - Wiha Tools

Part # 33404
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33404 Datasheet(HTML) 23 Page - Wiha Tools

Back Button 33404 Datasheet HTML 19Page - Wiha Tools 33404 Datasheet HTML 20Page - Wiha Tools 33404 Datasheet HTML 21Page - Wiha Tools 33404 Datasheet HTML 22Page - Wiha Tools 33404 Datasheet HTML 23Page - Wiha Tools 33404 Datasheet HTML 24Page - Wiha Tools 33404 Datasheet HTML 25Page - Wiha Tools 33404 Datasheet HTML 26Page - Wiha Tools 33404 Datasheet HTML 27Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
Wiha Drive-Loc VI Handles
28488 Drive-Loc VI Cushion Grip Handle
Wiha-SoftFinish® impact resistant, with roll off protection.
Advantages:
Ergonomic cushion grip, Drive-Loc mechanism guarantees a secure
hold and rapid blade exchange.
Item
No.
mm
mm
Inch mm
Inch
lbs.
28488
6.0
115
4.5
36.0 1.41
.26
28486 ESD Safe Drive-Loc VI Cushion Grip Handle
Wiha-SoftFinish® impact resistant, with roll off protection.
Advantages:
Ergonomic cushion grip, Drive-Loc mechanism guarantees a secure
hold and rapid blade exchange. Static Dissipative.
Item
No.
mm
mm
Inch mm
Inch
lbs.
28486
6.0
115
4.5
36.0 1.41
.21
28487 Drive-Loc VI MicroFinish Non-Slip Grip Handle
Wiha-MicroFinish handle, won’t peel, crack or deteriorate when
exposed to petroleum solvents. Ideal for Hex, TORX® & Nut Drivers.
Advantages:
Ergonomic handle shape for maximum comfort, Drive-Loc mechanism
guarantees a secure hold and rapid blade exchange.
Item
No.
mm
mm
Inch mm
Inch
lbs.
28487
6.0
115
4.5
36.0 1.41
.20
Ball End Hex & Hex Metric Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened, hard chrome finish.
Ball end enables the user to work at angles up to 25O. Over all blade
length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
28116
2.5
2.5
.10
1
28117
3
3
.10
1
28118
4
4
.10
1
28119
5
5
.10
1
28120
6
6
.10
1
281
Hex Metric Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
28149
2.0
2.5
.09
1
28150
3.0
4.0
.10
1
28151
5.0
6.0
.10
1
281
Hex Inch Drive-Loc VI Interchangeable Blade
High alloy CVM steel, through hardened, hard chrome finish.
Over all blade length 150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
Inch + Inch
lbs.
pkg.
28122
3/32
7/64
.10
1
28123
1/8
9/64
.10
1
28124
5/32
3/16
.10
1
281
Wiha Drive-Loc VI Blades
7 Piece Hex Inch & Metric Drive-Loc VI Blade Set
Blade CVM steel, hardened, hard chromed. In storage pouch
Item
No. 28192
lbs.
Inch: 3/32 x 7/64, 1/8 x 9/64, 5/32 x 3/16
.74
Metric: 2.0 x 2.5, 3.0 x 4.0, 5.0 x 6.0
Wiha SoftFinish® Cushion Grip Handle
28192
D
Allows adjustable
blade lengths 1.7”
to 4.7” in 1/8”
increments
Allows adjustable
blade lengths 1.7”
to 4.7” in 1/8”
increments
Allows adjustable
blade lengths 1.7”
to 4.7” in 1/8”
increments
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com