Electronic Components Datasheet Search
  English  ▼

X  

33404 Datasheet(PDF) 26 Page - Wiha Tools

Part # 33404
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33404 Datasheet(HTML) 26 Page - Wiha Tools

Back Button 33404 Datasheet HTML 22Page - Wiha Tools 33404 Datasheet HTML 23Page - Wiha Tools 33404 Datasheet HTML 24Page - Wiha Tools 33404 Datasheet HTML 25Page - Wiha Tools 33404 Datasheet HTML 26Page - Wiha Tools 33404 Datasheet HTML 27Page - Wiha Tools 33404 Datasheet HTML 28Page - Wiha Tools 33404 Datasheet HTML 29Page - Wiha Tools 33404 Datasheet HTML 30Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
Hex Metric Driver, With Precision ESD Safe
Dissipative Handle Blade high alloy chrome-vanadium-molybdenum
steel. Hard chrome finished. Handle manufactured from impact
resistant, dissipative material. ESD standard IEC 61340-5-1
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
27507
.71
40
1.6
120
4.7
.02
10
27509
.89
40
1.6
120
4.7
.02
10
27513
1.27 40
1.6
120
4.7
.03
10
27515
1.5
50
2.0
145
5.7
.03
10
27520
2.0
50
2.0
145
5.7
.04
10
27525
2.5
60
2.4
170
6.7
.05
10
27530
3.0
60
2.4
170
6.7
.05
10
27535
4.0
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
275 Metric
Hex Driver, With Precision ESD Safe Dissipative
Handle Blade high alloy chrome-vanadium-molybdenum steel.
Hard chrome finished. Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1
Item
No.
Inch
mm
Inch mm
Inch
lbs.
pkg.
27505
.028
40
1.6
120
4.7
.02
10
27510
.035
40
1.6
120
4.7
.02
10
27513
.050
40
1.6
120
4.7
.02
10
27537
1/16
50
2.0
145
5.7
.03
10
27539
5/64
50
2.0
145
5.7
.03
10
27541
3/32
60
2.4
170
6.7
.04
10
27543
7/64
60
2.4
170
6.7
.04
10
27545
1/8
60
2.4
170
6.7
.04
10
27547
9/64
60
2.4
170
6.7
.05
10
27549
5/32
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
275 Inch
Set 8 Pcs. Hex Metric Precision ESD Safe Dissipative
Handle Blade CVM steel, hardened, hard chromed. Handle impact
resistant, dissipative material. In storage pouch
Item
No.
mm
mm
mm
mm
lbs.
27590
27507
.71
40
27520
2.0
50
.53
27509
.89
40
27525
2.5
60
27513
1.27 40
27530
3.0
60
27515
1.5
50
27535
4.0
60
27590
8 Piece Hex Inch Precision Set, ESD Safe Dissipative
Handle Blade CVM steel, hardened, hard chromed. Handle impact
resistant, dissipative material. In storage pouch
Item
No.
Inch
Inch
Inch
Inch
lbs.
27591
27513
.050
1.6
27543
7/64
2.4
.57
27537
1/16
2.0
27545
1/8
2.4
27539
5/64
2.0
27547
9/64
2.4
27541
3/32
2.4
27549
5/32
2.4
27591
Wiha Precision ESD Safe Hex Drivers
ESD standard
IEC 61340-5-1
ESD standard
IEC 61340-5-1
D
D
Molded Precision handle
of impact resistant
dissipative material
Tapered handle
allows rapid rotation
Blade, CVM steel, hardened,
hard chrome finish
Tip, precision ground for exact
fit, Wiha Chromtop finish
Rotating cap for precise
turning & control with fingertip
Wiha Precision ESD Static Dissipative Screwdrivers meet the
requirements for tools used in static sensitive areas.
Surface resistance of handles is 106 - 109 Ohms
ESD Standard IEC 61340-5-1
Rugged Polyester Canvas Storage Pouch
Holds 8 Precision Tools up to 170mm in length. Folding pouch.
Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
91118
14 1/2” W x 7 3/4” L
.13
1
91118
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com