Electronic Components Datasheet Search
  English  ▼

X  

2N5680. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N5680.
Description  Transistor Internal Schematic Diagram
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N5680. Datasheet(HTML) 2 Page - Multicomp Pro

  2N5680. Datasheet HTML 1Page - Multicomp Pro 2N5680. Datasheet HTML 2Page - Multicomp Pro 2N5680. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
16/09/19
Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (TC = 25°C unless otherwise noted)
*Pulsed: Pulse Duration = 300ms, Duty Cycle 1.5%.
Parameter
Symbol
Value
Unit
Maximum Thermal Resistance Junction-case
Rthj-case
17.5
°C/W
Maximum Thermal Resistance Junction-ambient
Rthj-a
175
Thermal Data
Parameter
Test Conditions
Symbol Min. Typ. Max. Unit
Collector Cut-off Current (VBE = -1.5V)
2N5680 VCE = -120V TC = 150°C
2N5680 VCE = -120V
ICEV
-
-
-1
-1
µA
Collector Cut-off Current (IE = 0)
2N5680 VCB = -120V
ICBO
-
-
-1
Collector Cut-off Current (IB = 0)
2N5680 VCB = -80V
ICEO
-10
Emitter Cut-off Current (IC = 0)
VEB = -4V
IEBO
-
-
-1
Collector-Emitter Sustaining Voltage
2N5680 IC = -10mA
VCEO
(sus)*
-120
-
-
V
Collector-Emitter Saturation Voltage
IC = -250mA IB = -25mA
IC = -500mA IB = -50mA
IC = -1mA
IB = -200mA
VCE (sat)*
-
-
-0.6
-1
-2
Base-Emitter Voltage
IC = -250mA
VCE = -2V
VBE*
-
-
-1
DC Current Gain
IC = -250mA
VCE = -2V
IC = -1A VCE = -2V
hFE*
40
5
-
150
-
Small Signal Current Gain
IC = -0.2A VCE = -1.5V f = 1kHz
hfe
40
-
-
-
Transition frequency
IC = -100mA VCE = -10V f = 10MHz
fT
30
-
-
MHz
Collector Base Capacitance
IE = 0 VCB = -20V f = 1MHz
CCBO
-
-
50
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com