Electronic Components Datasheet Search
  English  ▼

X  

2N5680. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N5680.
Description  Transistor Internal Schematic Diagram
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N5680. Datasheet(HTML) 1 Page - Multicomp Pro

  2N5680. Datasheet HTML 1Page - Multicomp Pro 2N5680. Datasheet HTML 2Page - Multicomp Pro 2N5680. Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
16/09/19
Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
The 2N5680 are high voltage silicon epitaxial planar PNP transistors in JEDEC TO-39 metal case intended for use as drivers
for high power transistors in general purpose, amplifier and switching circuit.
Feature:
• NPN transistors
Applications
• General Purpose Switching
• General Purpose Amplifiers
TO-39
Internal Schematic Diagram
Parameter
Symbol
Value
Unit
Collector-Base Voltage (IE = 0)
VCBO
-120
V
Collector-Emitter Voltage (IB = 0)
VCEO
Emitter-Base Voltage (IC = 0)
VEBO
-4
Collector Current
IC
-1
A
Base Current
IB
-0.5
Total Dissipation at TC ≤25°C
Ptot
10
W
Total Dissipation at Ta ≤50°C
1
Storage Temperature
Tstg
-65 to 200
°C
Maximum Operating Junction Temperature
Tj
200
Absolute Maximum Ratings


Similar Part No. - 2N5680.

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5680 SEME-LAB-2N5680 Datasheet
20Kb / 2P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5680 BOCA-2N5680 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5680 CENTRAL-2N5680 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5680 ETC-2N5680 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N5680 MICROSEMI-2N5680 Datasheet
56Kb / 2P
PNP POWER TRANSISTOR SILICON AMPLIFIER
More results

Similar Description - 2N5680.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK-403-070 ETC1-STK-403-070 Datasheet
281Kb / 1P
AMP SCHEMATIC DIAGRAM
logo
Samsung semiconductor
CX-6840 SAMSUNG-CX-6840 Datasheet
2Mb / 10P
SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
KX-T2365SU ETC1-KX-T2365SU Datasheet
198Kb / 2P
SCHEMATIC DIAGRAM
logo
Rhombus Industries Inc.
T-759 RHOMBUS-IND-T-759 Datasheet
22Kb / 1P
SCHEMATIC DIAGRAM
5/01/01
T-531 RHOMBUS-IND-T-531 Datasheet
28Kb / 1P
SCHEMATIC DIAGRAM
12/01/00
logo
PowerVolt Inc.
CT0025-J00 POWERVOLT-CT0025-J00 Datasheet
119Kb / 1P
Connection Diagram , Schematic
CT0025-G00 POWERVOLT-CT0025-G00 Datasheet
166Kb / 1P
Connection Diagram , Schematic
logo
New Jersey Semi-Conduct...
BSS72 NJSEMI-BSS72 Datasheet
82Kb / 1P
INTERNAL SCHEMATIC DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
14A1-RU ETC-14A1-RU Datasheet
1Mb / 7P
SCHEMATIC DIAGRAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com