Electronic Components Datasheet Search
  English  ▼

X  

PSD913F1-15J Datasheet(PDF) 26 Page - STMicroelectronics

Part # PSD913F1-15J
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1-15J Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PSD913F1-15J Datasheet HTML 22Page - STMicroelectronics PSD913F1-15J Datasheet HTML 23Page - STMicroelectronics PSD913F1-15J Datasheet HTML 24Page - STMicroelectronics PSD913F1-15J Datasheet HTML 25Page - STMicroelectronics PSD913F1-15J Datasheet HTML 26Page - STMicroelectronics PSD913F1-15J Datasheet HTML 27Page - STMicroelectronics PSD913F1-15J Datasheet HTML 28Page - STMicroelectronics PSD913F1-15J Datasheet HTML 29Page - STMicroelectronics PSD913F1-15J Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
PSD9XX Family
Preliminary Information
22
Figure 3. Data Polling Flow Chart
START
READ DQ5 & DQ7
at Valid Address
FAIL
Program/Erase
Operation Not
Complete, Issue
Reset Instruction
PASS
Program/Erase
Operation is
Complete
YES
YES
YES
NO
NO
NO
DQ7
=
DATA7
DQ5
=1
DQ7
=
DATA
READ DQ7
The
PSD9XX
Functional
Blocks
(cont.)
9.1.1.6.2 Data Toggle
Checking the Data Toggle bit on DQ6 is a method of determining whether a Program or
Erase instruction is in progress or has completed. Figure 4 shows the Data Toggle
algorithm.
When the MCU issues a programming instruction, the embedded algorithm within the
PSD9XX begins. The MCU then reads the location of the byte to be programmed in
Flash to check status. Data bit DQ6 of this location will toggle each time the MCU reads
this location until the embedded algorithm is complete. The MCU continues to read this
location, checking DQ6 and monitoring the Error bit on DQ5. When DQ6 stops toggling
(two consecutive reads yield the same value), and the Error bit on DQ5 remains ‘0’, then
the embedded algorithm is complete. If the Error bit on DQ5 is ‘1’, the MCU should test
DQ6 again, since DQ6 may have changed simultaneously with DQ5 (see Figure 4).
The Error bit at DQ5 will be set if either an internal timeout occurred while the embedded
algorithm attempted to program the byte, or if the MCU attempted to program a ‘1’ to a bit
that was not erased (not erased is logic ‘0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com