Electronic Components Datasheet Search
  English  ▼

X  

PSD913F1-15J Datasheet(PDF) 37 Page - STMicroelectronics

Part # PSD913F1-15J
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1-15J Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PSD913F1-15J Datasheet HTML 33Page - STMicroelectronics PSD913F1-15J Datasheet HTML 34Page - STMicroelectronics PSD913F1-15J Datasheet HTML 35Page - STMicroelectronics PSD913F1-15J Datasheet HTML 36Page - STMicroelectronics PSD913F1-15J Datasheet HTML 37Page - STMicroelectronics PSD913F1-15J Datasheet HTML 38Page - STMicroelectronics PSD913F1-15J Datasheet HTML 39Page - STMicroelectronics PSD913F1-15J Datasheet HTML 40Page - STMicroelectronics PSD913F1-15J Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
Preliminary Information
PSD9XX Family
33
9.2.1 Decode PLD (DPLD)
The DPLD, shown in Figure 10, is used for decoding the address for internal PSD
components. The DPLD can generate the following chip selects:
• 8 sector selects for the main Flash memory (three product terms each)
• 4 sector selects for the Secondary Flash memory (three product terms each)
• 1 internal SRAM select (two product terms)
• 1 internal CSIOP select (select PSD registers, one product term)
Inputs to the DPLD chip selects may include address inputs, Page Register inputs and
other user defined external inputs from Ports A, B, C or D.
9.2.2 General Purpose PLD (GPLD)
The General Purpose PLD implements user defined system combinatorial logic function
or chip selects for external devices. Figure 11 shows how the GPLD is connected to the
I/O Ports. The GPLD has 19 outputs and each are routed to a port pin. The port pin can
also be configured as input tot eh GPLD. When it is not used as GPLD output or input, the
pin can be configured to perform other I/O functions.
The GPLD outputs are identical except in the number of available product terms for logic
implementation. Select the pin that can best meet the product term requirement of your
logic function or chip selects. The outputs can be configured as active high or low outputs.
Table 16 shows the number of product terms that are assigned to the PLD outputs on the
I/O Ports. When PSD9XX is connected to a MCU with non-multiplexed bus, Port A will be
configured as the Data Port and the GPLD outputs will not be available.
The
PSD9XX
Functional
Blocks
(cont.)
GPLD Output on Port Pin
Number of Product Terms
Port A, pins PA0-3
3
Port A, pins PA4-7
9
Port B, pins PB0-3
4
Port B, pins PB4-7
7
Port D, pins PD0-2
1
Table 16. GPLD Output Product Term



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com