Electronic Components Datasheet Search
  English  ▼

X  

ASFN12B72 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ASFN12B72
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN12B72 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ASFN12B72 Datasheet HTML 1Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 2Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 3Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 4Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 5Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 6Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 7Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 8Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Diagram
10±0.5
2.3±0.25
2.7±0.25
32±0.2
40±0.3
40±0.3
32±0.2
Air flow
4-3.5
dia.
200 min.
50
40
30
20
10
0
0
Air flow (m3/min)
Standard
Middle
Low
0.05
0.1
0.15
0.2
0.25
Materials used
Specifications
Frame: Plastic
Fan blades: Plastic
Bearings: Ball bearings
Lead wires: UL1061 and AWG26
Operating voltage:
At 5V: 4.5–5.5V; at 12V: 10.2 ~13.8V
Ambient temperature:
-10°C to +60°C
Ambient humidity:
Max. 95% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
500V AC for 1min (between lead wires and frame)
Insulation resistance:
Min. 10MΩ (at 500V DC)
Lead wire tensile strength:
9.8N at 15s
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Fan blockage:
No coil burnout after 72-hour blockage at nominal voltage
Reverse polarity protection:
No damage after brief reverse polarity connection at nominal voltage
Lifetime:
60,000 hours
ASFN4 Series
40 x 40 x 10mm
Without lock sen-
sor
With lock sensor
V DC
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASFN44770
ASFN44790
5
0.50
100
4,500
0.12
24.00
22.0
0.015
Low
ASFN44771
ASFN44791
12
1.08
90
Low
ASFN42770
ASFN42790
5
0.80
160
5,500
0.15
34.00
25.0
Middle
ASFN42771
ASFN42791
12
1.20
100
Middle
ASFN40770
ASFN40790
5
1.05
210
6,500
0.17
46.00
29.0
Standard
ASFN40771
ASFN40791
12
1.20
100
Standard
Accessories
ASFN48001
Fan guard 40 x 40mm, 2 rings, UL/CSA
4
ASFN4
› Dimensions: 40 x 40 x 10mm
› Rated voltages: 5VDC, 12VDC
› Several rotation speeds per model
› Blockage protection with automatic restart
› Reverse polarity and overvoltage protection
› Optional: Lock sensor output
(alarm is triggered if fan is blocked)
› RoHS-compliant
Features
SERIES ASFN - DC FANS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com