Electronic Components Datasheet Search
  English  ▼

X  

ASFN12B72 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ASFN12B72
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN12B72 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ASFN12B72 Datasheet HTML 2Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 3Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 4Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 5Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 6Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 7Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 8Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 9Page - Panasonic Semiconductor ASFN12B72 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ASFN8 Series
80 x 80 x 25mm
Without lock sen-
sor
With lock sensor
V DC
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASFN84371
ASFN84391
12
1.20
100
1,900
0.68
14.20
22.0
0.08
Low
ASFN84372
ASFN84392
24
1.44
60
Low
ASFN82371
ASFN82391
12
2.04
170
2,400
0.88
24.30
27.0
Middle
ASFN82372
ASFN82392
24
2.16
90
Middle
ASFN80371
ASFN80391
12
3.96
330
2,950
1.09
36.60
32.5
Standard
ASFN80372
ASFN80392
24
4.32
180
Standard
ASFN86371
ASFN86391
12
5.28
440
3,250
1.20
44.70
35.0
On request
ASFN86372
ASFN86392
24
5.04
210
On request
Accessories
ASFN88001
Fan guard 80 x 80mm, 5 rings, UL/CSA
ASEN88001
Fan guard 80 x 80mm, 5 rings
ASEN88002
Fan cover with filter
Features
› Dimensions: 80 x 80 x 25mm
› Rated voltages: 12VDC, 24VDC
› Several rotation speeds per model
› Blockage protection with automatic
restart
› Reverse polarity and overvoltage
protection
› Optional: Lock sensor output (alarm
is triggered if fan is blocked)
› RoHS-compliant
Diagram
25±0.5
71.5±0.3
80±0.3
80±0.3
71.5±0.3
Air flow
300 min.
60
50
40
30
20
10
0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Air flow (m3/min)
Low
Middle
Standard
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
Materials used
Specifications
Frame: Plastic
Fan blades: Plastic
Bearings: Ball bearings
Lead wires: UL1007 and AWG24
Operating voltage:
At 12V: 6–13.8V; at 24V: 10–27.6V
Ambient temperature:
-10°C to +60°C
Ambient humidity:
Max. 95% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
500V AC for 1min (between lead wires and frame)
Insulation resistance:
Min. 10MΩ (at 500V DC)
Lead wire tensile strength:
9.8N at 15s
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Fan blockage:
No coil burnout after 72-hour blockage at nominal voltage
Reverse polarity protection:
No damage after brief reverse polarity connection at nominal voltage
Lifetime:
60,000 hours
6
SERIES ASFN - DC FANS
ASFN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com