Electronic Components Datasheet Search
  English  ▼

X  

LTC4316 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4316
Description  Single I²C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4316 Datasheet(HTML) 4 Page - Analog Devices

  LTC4316 Datasheet HTML 1Page - Analog Devices LTC4316 Datasheet HTML 2Page - Analog Devices LTC4316 Datasheet HTML 3Page - Analog Devices LTC4316 Datasheet HTML 4Page - Analog Devices LTC4316 Datasheet HTML 5Page - Analog Devices LTC4316 Datasheet HTML 6Page - Analog Devices LTC4316 Datasheet HTML 7Page - Analog Devices LTC4316 Datasheet HTML 8Page - Analog Devices LTC4316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4316
4
4316fa
For more information www.linear.com/LTC4316
TYPICAL PERFORMANCE CHARACTERISTICS
TIMING DIAGRAM
Pass Switch On Resistance vs
Temperature
READY Output Low
Voltage vs Current
SDAOUT Fall Delay vs
Temperature
Supply Current vs Temperature
Standby Supply Current vs
Temperature
Pass Switch On Resistance vs VCC
TA = 25°C, VCC = 3.3V unless otherwise noted.
4316 EC
SDAOUT
SDAIN
50%
tPDHL(SDAOUT)
tf(SDAOUT)
70%
50%
30%
TEMPERATURE (°C)
–50
0.8
0.7
0.6
0.5
0.4
0
50
–25
25
75
4316 G01
100
ENABLE = VCC
VCC = 2.25V
VCC = 5V
VCC = 3.3V
TEMPERATURE (°C)
–50
800
700
500
300
600
400
200
100
0
0
50
–25
25
75
4316 G02
100
ENABLE = 0V
VCC (V)
2.0
6
5
3
1
4
2
0
3.0
4.0
2.5
3.5
4.5
4316 G03
5.0
TA = –40°C
TA = 85°C
TA = 25°C
SDAIN = SCLIN = 0.4V
TEMPERATURE (°C)
–50
6
5
3
1
4
2
0
0
50
–25
25
75
4316 G04
100
VCC = 5V
VCC = 2.25V
VCC = 3.3V
SDAIN = SCLIN = 0.4V
IREADY (mA)
0
100
80
40
60
20
0
2
6
4
8
4316 G05
10
TA = –40°C
TA = 85°C
VCC = 3.3V
TA = 25°C
TEMPERATURE (°C)
–50
240
220
200
180
160
120
140
100
0
50
–25
25
75
4316 G06
100
VCC = 3.3V
C = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com