Electronic Components Datasheet Search
  English  ▼

X  

LTC4316 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4316
Description  Single I²C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4316 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4316 Datasheet HTML 7Page - Analog Devices LTC4316 Datasheet HTML 8Page - Analog Devices LTC4316 Datasheet HTML 9Page - Analog Devices LTC4316 Datasheet HTML 10Page - Analog Devices LTC4316 Datasheet HTML 11Page - Analog Devices LTC4316 Datasheet HTML 12Page - Analog Devices LTC4316 Datasheet HTML 13Page - Analog Devices LTC4316 Datasheet HTML 14Page - Analog Devices LTC4316 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4316
11
4316fa
For more information www.linear.com/LTC4316
OPERATION
it may convert START bits to STOP bits and vice versa,
causing unexpected slave behavior.
If an START bit is received during the address byte when
the active translating bit is a 1, the slave device will see
a STOP bit. This will typically reset the slave and cause it
to miss the remainder of the transmission. If the START
bit is received while the active translating bit is a 0, the
STARTpassesthroughtheLTC4316unchanged.Theslave
will react in the same way it would if the LTC4316 was
not present, and will typically reset when the master next
issues a STOP bit. In both cases, the LTC4316 automati-
cally resets at the next STOP bit and the next message
will be transmitted normally.
If an STOP bit is received during the address byte, the
LTC4316 will abort the address translation and ensure
that a STOP bit is issued at SDAOUT to reset the slave. If
the active translating bit is a 0 when the STOP arrives, it is
not modified, and the slave will see the STOP and typically
reset. If the active translating bit is a 1 when the STOP
arrives, the slave device will see a START bit. This might
leave the slave in an indeterminate state, so the LTC4316
briefly disconnects the slave from the master, adds a short
delay, and then generates a STOP bit at the SDAOUT pin
(Figure 9). It then reconnects the busses and waits for a
START bit to begin the next transmission. Again, in both
cases, the LTC4316 automatically resets and the next
message will be transmitted normally.
Stuck Bus Timeout
During the address translation, if SCLIN stays low or high
for more than 30ms without any transitions, the LTC4316
will abort the address translation and reconnect SDAIN to
SDAOUT. It will then wait for a START bit to start a new
address translation. This prevents any bus stuck low/
high conditions from permanently disconnecting SDAIN
from SDAOUT.
Supported Protocols
The LTC4316 is designed to support most I2C and SMBus
messageprotocols.Theonlyexceptionsareprotocolsthat
use pre-assigned addresses on the slave side of the bus.
Supported I2C and SMBus Protocols
• Send/Receive Byte
• Write Byte/Word
• Read Byte/Word
• Process Call
• Block Write/Read
• Block Write-Block Read Process Call
• Extended Read and Write Commands
• General Call (I2C only)
• Start Byte (I2C only)
• PMBus (without PEC)
Unsupported I2C Protocols
• 10-Bit Addressing
• Device ID
• Ultra Fast-Mode I2C Bus Protocol
Unsupported SMBus Protocols
• SMBus Host Notify
• Address Resolution Protocol (ARP)
• Parity Error Code (PEC)
• Alert Response Address (ARA)
• PMBus (with PEC)
Figure 9. Stop Bit within Address Byte when
Address Translation Byte Is 1
TRANSLATION BYTE
SDAOUT
SCLIN
SDAIN
N2 GATE
N2 OFF
N2 OFF
N2 ON
ADDRESS BIT
BECOMES
STOP BIT
STOP
BIT
START
BIT
1
4316 F09
N1 GATE N1 ON
N1 ON
N1
OFF
START
BIT
STOP
BIT
START
BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com