Electronic Components Datasheet Search
  English  ▼

X  

LTC4317 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4317
Description  Single I²C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4317 Datasheet(HTML) 2 Page - Analog Devices

  LTC4317 Datasheet HTML 1Page - Analog Devices LTC4317 Datasheet HTML 2Page - Analog Devices LTC4317 Datasheet HTML 3Page - Analog Devices LTC4317 Datasheet HTML 4Page - Analog Devices LTC4317 Datasheet HTML 5Page - Analog Devices LTC4317 Datasheet HTML 6Page - Analog Devices LTC4317 Datasheet HTML 7Page - Analog Devices LTC4317 Datasheet HTML 8Page - Analog Devices LTC4317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4316
2
4316fa
For more information www.linear.com/LTC4316
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage VCC............................. –0.3V to 6V
Input Voltages
ENABLE........................................................ –0.3V to 6V
XORL, XORH ....................................–0.3V to VCC + 0.3V
Output Voltage
READY ......................................................... –0.3V to 6V
Output Currents
READY, SDAOUT....................................................50mA
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4316CDD#PBF
LTC4316CDD#TRPBF
LGSW
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4316IDD#PBF
LTC4316IDD#TRPBF
LGSW
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4316CMS#PBF
LTC4316CMS#TRPBF
LTGSV
10-Lead Plastic MSOP
0°C to 70°C
LTC4316IMS#PBF
LTC4316IMS#TRPBF
LTGSV
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some Packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Input/Output Voltages
SCLIN, SCLOUT, SDAIN, SDAOUT................ –0.3V to 6V
Operating Temperature Range
LTC4316C ................................................ 0°C to 70°C
LTC4316I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
11
GND
9
6
7
8
4
5
3
2
1
SCLIN
SCLOUT
SDAOUT
SDAIN
READY
GND
XORH
XORL
VCC
ENABLE
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, PCB CONNECTION OPTIONAL
1
2
3
4
5
GND
XORH
XORL
VCC
ENABLE
10
9
8
7
6
SCLIN
SCLOUT
SDAOUT
SDAIN
READY
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 160°C/W
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com