Electronic Components Datasheet Search
  English  ▼

X  

LTC4317 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4317
Description  Single I²C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4317 Datasheet(HTML) 3 Page - Analog Devices

  LTC4317 Datasheet HTML 1Page - Analog Devices LTC4317 Datasheet HTML 2Page - Analog Devices LTC4317 Datasheet HTML 3Page - Analog Devices LTC4317 Datasheet HTML 4Page - Analog Devices LTC4317 Datasheet HTML 5Page - Analog Devices LTC4317 Datasheet HTML 6Page - Analog Devices LTC4317 Datasheet HTML 7Page - Analog Devices LTC4317 Datasheet HTML 8Page - Analog Devices LTC4317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4316
3
4316fa
For more information www.linear.com/LTC4316
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VCC
Input Supply Range
l
2.25
5.5
V
ICC
Input Supply Current
ENABLE = 3.3V, SCLIN = SDAIN = 0V
l
0.6
2
mA
ENABLE = 0V, SCLIN = SDAIN = 0V
l
350
800
μA
VCC(UVLO)
VCC Supply Undervoltage Lockout
VCC Rising
l
1.9
2.1
2.2
V
VCC(HYST)
VCC Supply Undervoltage Lockout Hysteresis
100
mV
ENABLE and READY
VENABLE(TH)
ENABLE Threshold Voltage
ENABLE Rising
l
1
1.4
1.8
V
VENABLE(HYST)
ENABLE Hysteresis
50
mV
IENABLE(LEAK)
ENABLE Input Current
l
±1
μA
VREADY(OL)
READY Output Low Voltage
I = 3mA
l
0.4
V
IREADY(OH)
READY Off Leakage Current
VCC = VREADY = 5.5V
l
±5
μA
SCLIN, SDAIN, SCLOUT, SDAOUT
VSCL,SDA(TH)
Threshold Voltage
SDA, SCL Pins Rising
l
1.5
1.8
2.0
V
VSCL,SDA(HYST)
Hysteresis
50
mV
ISCL,SDA(LEAK)
Leakage Current
SDA, SCL Pins = 5.5V, 0V, VCC = 5.5V, 0V l
±10
μA
ISCL,SDA(LEAK-INOUT) Input to Output Leakage Current
SDAIN, SCLIN Pins = 5.5V, VCC = 5.5V,
SDAOUT, SCLOUT Pins = 4.5V
l
±10
μA
CSCL,SDA
Pin Capacitance
Note 3
l
10
pF
VSCL,SDA(PRE)
Precharge Voltage
l
0.8
1
1.2
V
VSDAOUT(OL)
SDAOUT Output Low Voltage
I = 4mA
l
0.4
V
RDS(ON)
Pass Switch On Resistance
VCC = 2.25V, SCLIN = SDAIN = 0.4V
VCC = 3.3V, SCLIN = SDAIN = 0.4V
VCC = 5V, SCLIN = SDAIN = 0.4V
l
l
l
3
2.2
1.8
12
8
6
Ω
Ω
Ω
XORH, XORL
IXORH/XORL
XORH and XORL Input Current
l
±100
nA
I2C Interface Timing
fSCL(MAX)
Maximum SCLIN Clock Frequency
Note 3
l
400
kHz
tPDHL(SDAOUT)
SDAOUT Fall Delay
C = 100pF, RPULLUP = 10k
l
170
300
ns
tf(SDAOUT)
SDAOUT Fall Time
C = 100pF, RPULLUP = 10k
l
20
60
300
ns
tTIMEOUT
Stuck Bus Timeout
SCLIN Held Low or High
l
25
30
35
ms
tIDLE
Bus Idle Time
l
80
120
160
μs
tGLITCH
SCLIN and SDAIN Glitch Filter
l
50
100
ns
Note 2: All currents into pins are positive and all voltages are referenced to
GND unless otherwise indicated.
Note 3: Guaranteed by design and not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com