Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2881
Description  Complete Isolated RS485/RS422 μModule Transceiver Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2881 Datasheet HTML 9Page - Analog Devices LTM2881 Datasheet HTML 10Page - Analog Devices LTM2881 Datasheet HTML 11Page - Analog Devices LTM2881 Datasheet HTML 12Page - Analog Devices LTM2881 Datasheet HTML 13Page - Analog Devices LTM2881 Datasheet HTML 14Page - Analog Devices LTM2881 Datasheet HTML 15Page - Analog Devices LTM2881 Datasheet HTML 16Page - Analog Devices LTM2881 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM2881
13
2881fi
For more information www.linear.com/LTM2881
Overview
TheLTM2881µModuletransceiverprovidesagalvanically-
isolated robust RS485/RS422 interface, powered by an
integrated, regulated DC/DC converter, complete with
decoupling capacitors. A switchable termination resistor
is integrated at the receiver input to provide proper termi-
nation to the RS485 bus. The LTM2881 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2881 blocks high voltage differences
and eliminates ground loops and is extremely tolerant of
commonmodetransientsbetweengroundpotentials.Error
freeoperationismaintainedthroughcommonmodeevents
greater than 30kV/μs providing excellent noise isolation.
µModule Technology
The LTM2881 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signals on either side of the barrier are encoded into
pulses and translated across the isolation boundary using
coreless transformers formed in the µModule substrate.
This system, complete with data refresh, error checking,
safe shutdown on fail, and extremely high common mode
immunity, provides a robust solution for bidirectional
signal isolation. The µModule technology provides the
means to combine the isolated signaling with our RS485
transceiver and powerful isolated DC/DC converter in one
small package.
DC/DC Converter
The LTM2881 contains a fully integrated isolated DC/DC
converter, including the transformer, so that no external
components are necessary. The logic side contains a full-
bridge driver, running about 2MHz, and is AC-coupled
to a single transformer primary. A series DC blocking
capacitor prevents transformer saturation due to driver
duty cycle imbalance. The transformer scales the primary
voltage, and is rectified by a full-wave voltage doubler.
This topology eliminates transformer saturation caused
by secondary imbalances.
The DC/DC converter is connected to a low dropout reg-
ulator (LDO) to provide a regulated low noise 5V output.
The internal power solution is sufficient to support the
transceiverinterfaceatitsmaximumspecifiedloadanddata
applicaTions inForMaTion
rate, and external pins are supplied for extra decoupling
(optional)andheatdissipation.Thelogicsupplies,VCCand
VL have a 2.2µF decoupling capacitance to GND and the
isolated supply VCC2 has a 2.2µF decoupling capacitance
to GND2 within the µModule package.
VCC2 Output
Theon-boardDC/DCconverterprovidesisolated5Vpower
to output VCC2. VCC2 is capable of suppling up to 1W of
power at 5V in the LTM2881-5 option and up to 600mW
of power in the LTM2881-3 option. This surplus current is
available to external applications. The amount of surplus
currentisdependentupontheimplementationandcurrent
delivered to the RS485 driver and line load. An example
of available surplus current is shown in the Typical Per-
formance Characteristics graph, VCC2 Surplus Current vs
Temperature. Figure 19 demonstrates a method of using
the VCC2 output directly and with a switched power path
that is controlled with the isolated RS485 data channel.
Driver
The driver provides full RS485 and RS422 compatibility.
When enabled, if DI is high, Y–Z is positive. When the
driver is disabled, both outputs are high impedance with
less than 10µA of leakage current over the entire common
mode range of –7V to 12V, with respect to GND2.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to
any voltage within the absolute maximum range of (VCC2
–15V) to (GND2 +15V) levels. The maximum VCC2 cur-
rent in this condition is 250mA. If the pin voltage exceeds
about ±10V, current limit folds back to about half of the
peak value to reduce overall power dissipation and avoid
damaging the part.
The device also features thermal shutdown protection
that disables the driver and receiver output in case of
excessive power dissipation (See Note 4 in the Electrical
Characteristics section).
SLO Mode
TheLTM2881featuresalogic-selectablereducedslewrate
mode (SLO mode) that softens the driver output edges to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com