Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2881
Description  Complete Isolated RS485/RS422 μModule Transceiver Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 3 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices LTM2881 Datasheet HTML 7Page - Analog Devices LTM2881 Datasheet HTML 8Page - Analog Devices LTM2881 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM2881
3
2881fi
For more information www.linear.com/LTM2881
orDer inForMaTion
PART NUMBER
INPUT
VOLTAGE
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2881CY-3#PBF
3V to 3.6V
SAC305 (RoHS)
LTM2881Y-3
e1
BGA
3
0°C to 70°C
LTM2881IY-3#PBF
–40°C to 85°C
LTM2881HY-3#PBF
–40°C to 105°C
LTM2881HY-3
SnPb (63/37)
e0
–40°C to 105°C
LTM2881MPY-3#PBF
SAC305 (RoHS)
e1
–55°C to 105°C
LTM2881MPY-3
SnPb (63/37)
e0
–55°C to 105°C
LTM2881CY-5#PBF
4.5V to 5.5V
SAC305 (RoHS)
LTM2881Y-5
e1
0°C to 70°C
LTM2881IY-5#PBF
–40°C to 85°C
LTM2881HY-5#PBF
–40°C to 105°C
LTM2881HY-5
SnPb (63/37)
e0
–40°C to 105°C
LTM2881MPY-5#PBF
SAC305 (RoHS)
e1
–55°C to 105°C
LTM2881MPY-5
SnPb (63/37)
e0
–55°C to 105°C
LTM2881CV-3#PBF
3V to 3.6V
Au (RoHS)
LTM2881V-3
e4
LGA
0°C to 70°C
LTM2881IV-3#PBF
–40°C to 85°C
LTM2881HV-3#PBF
–40°C to 105°C
LTM2881CV-5#PBF
4.5V to 5.5V
LTM2881V-5
0°C to 70°C
LTM2881IV-5#PBF
–40°C to 85°C
LTM2881HV-5#PBF
–40°C to 105°C
• Device temperature grade is indicated by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to: www.linear.com/BGA-assy
• Recommended BGA and LGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/umodule/pcbassembly
http://www.linear.com/product/LTM2881#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com