Electronic Components Datasheet Search
  English  ▼

X  

T31-01D08. Datasheet(PDF) 2 Page - HAKKO Corporation

Part # T31-01D08.
Description  NEW FX100 – Induction Heating Soldering Station
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

T31-01D08. Datasheet(HTML) 2 Page - HAKKO Corporation

  T31-01D08. Datasheet HTML 1Page - HAKKO Corporation T31-01D08. Datasheet HTML 2Page - HAKKO Corporation T31-01D08. Datasheet HTML 3Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
【T31-01 series of tip 450℃】
Part Number
Description
T31-01BC1
T31 soldering tip shape 1BC
T31-01BC28
T31 soldering tip shape 2.8BC
T31-01BL
T31 soldering tip shape BL
T31-01D08
T31 soldering tip shape 0.8D
T31-01D16
T31 soldering tip shape 1.6D
T31-01D24
T31 soldering tip shape 2.4D
T31-01D52
T31 soldering tip shape 5.2D
T31-01I
T31 soldering tip shape I
T31-01IL
T31 soldering tip shape IL
T31-01J02
T31 soldering tip shape 0.2RSB
T31-01JL02
T31 soldering tip shape 0.2RLB
T31-01JS02
T31 soldering tip shape 0.2RSSB
T31-01KU
T31 soldering tip shape KU
T31-01SBL
T31 soldering tip shape SBL
T31-01WD08
T31 soldering tip shape 0.8WD
【T31-02 series of tip 400℃ 】
Part Number
Description
T31-02BC1
T31 soldering tip shape 1BC
T31-02BC28
T31 soldering tip shape 2.8BC
T31-02BL
T31 soldering tip shape BL
T31-02D08
T31 soldering tip shape 0.8D
T31-02D16
T31 soldering tip shape 1.6D
T31-02D24
T31 soldering tip shape 2.4D
T31-02D52
T31 soldering tip shape 5.2D
T31-02I
T31 soldering tip shape I
T31-02I
T31 soldering tip shape I
T31-02IL
T31 soldering tip shape IL
T31-02J02
T31 soldering tip shape 0.2RSB
T31-02JL02
T31 soldering tip shape 0.2RLB
T31-02JS02
T31 soldering tip shape 0.2RSSB
T31-02KU
T31 soldering tip shape KU
T31-02SBL
T31 soldering tip shape SBL
T31-02WD08
T31 soldering tip shape 0.8WD
NEW FX100 –
Induction Heating Soldering Station
Optional tip range



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com