Electronic Components Datasheet Search
  English  ▼

X  

T31-01D08. Datasheet(PDF) 3 Page - HAKKO Corporation

Part # T31-01D08.
Description  NEW FX100 – Induction Heating Soldering Station
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

T31-01D08. Datasheet(HTML) 3 Page - HAKKO Corporation

  T31-01D08. Datasheet HTML 1Page - HAKKO Corporation T31-01D08. Datasheet HTML 2Page - HAKKO Corporation T31-01D08. Datasheet HTML 3Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Soldering station specification
Model Name
FX100
Part Number
FX100-18
Voltage
240V
Power Consumption
85W
Output Power
50W
Output Frequency
13.56 MHz
Weight
3.1 kg
Dimensions
(W x H x D)
127 x 150 x 163 mm
Model Number
FX-1001
Part Number
FX1001-81
Tip-to-Ground Resistance
< 2 ohms
Tip-to-Ground Potential
< 2mV
Length of cord
1.2 m
Total Length with tip, w/o cord
190 mm
Weight (w/o cord)
31 g w/T31-02D24 tip
Tips (not included)
T31-01 Series = 450°C
T31-02 Series = 400°C
Heating Element
High Frequency Induction-Type
Part Number
Description
FX100-18
FX-100 Soldering Station
w/ FX-1001 Soldering Iron
FH800-81BY
Iron Holder
B2300
Heat resistant pad
B2426
3-wire Power Cord
B5006
Yellow Soldering Iron Grip
(Installed)
N/A
Instruction Manual
NEW FX100 –
Induction Heating Soldering Station
Soldering Iron- Handpiece
Packed contents



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com