Electronic Components Datasheet Search
  English  ▼

X  

1232002 Datasheet(PDF) 1 Page - Lapp.

Part # 1232002
Description  ÖLFLEX® HEAT 125 SC 300/500V 1X0,5 BN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1232002 Datasheet(HTML) 1 Page - Lapp.

  1232002 Datasheet HTML 1Page - Lapp. 1232002 Datasheet HTML 2Page - Lapp. 1232002 Datasheet HTML 3Page - Lapp. 1232002 Datasheet HTML 4Page - Lapp. 1232002 Datasheet HTML 5Page - Lapp. 1232002 Datasheet HTML 6Page - Lapp. 1232002 Datasheet HTML 7Page - Lapp. 1232002 Datasheet HTML 8Page - Lapp. 1232002 Datasheet HTML 9Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 1 of 9
ÖLFLEX® HEAT 125 SC 300/500V 1X0,5 BN
Article No.: 1232003
Single core; 1X0.5; brown; U /U: 300/500 V; Electron beam cross-linked polymer
0
compound; -55°C - 125°C; Fixed Installation
Details
Benefits
For safety in areas with high density of people
Reduction of flame propagation, density and toxicity of smoke gases in event of
fire
Minimises damage to buildings and equipment caused by the formation of toxic
acid fumes in fires
Certified for maritime applications
Suitable for voltage class 300/500 V.
Application
For the wiring and connection of lighting, heating appliances, control cabinets,
and distributors in mechanical and plant engineering
For installation in tubes, on, in and under plaster as well as in closed installation
ducts
Coil winding, electromagnets, pumps, electrical systems
Heat treatment plants, pressure die casting, heating and cooling technology
Suitable for assembling cable harnesses and wiring during switch cabinet
installation
Suitable for use in AC and DC charging infrastructures for electromobility.


Similar Part No. - 1232002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1232002 ETC2-1232002 Datasheet
54Kb / 4P
Planetary Gearhead - P32H
More results

Similar Description - 1232002

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
89601BN KEYSIGHT-89601BN Datasheet
5Mb / 23P
89601B/BN-300 Hardware Connectivity
logo
Lapp.
0091350 LAPP-0091350 Datasheet
72Kb / 1P
OLFLEX® HEAT 350 SC
01.01.2019
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
UDB201803 LAPP-UDB201803 Datasheet
130Kb / 2P
ÖLFLEX® TRAY VTC & VTCS
May 10, 2022
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
1135604 LAPP-1135604 Datasheet
335Kb / 5P
ÖLFLEX® CLASSIC 110 CY - PVC control cable, VDE registered, screened, flexible and numbered for various applications, U0/U: 300/500V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com