Electronic Components Datasheet Search
  English  ▼

X  

1232002 Datasheet(PDF) 8 Page - Lapp.

Part # 1232002
Description  ÖLFLEX® HEAT 125 SC 300/500V 1X0,5 BN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1232002 Datasheet(HTML) 8 Page - Lapp.

  1232002 Datasheet HTML 1Page - Lapp. 1232002 Datasheet HTML 2Page - Lapp. 1232002 Datasheet HTML 3Page - Lapp. 1232002 Datasheet HTML 4Page - Lapp. 1232002 Datasheet HTML 5Page - Lapp. 1232002 Datasheet HTML 6Page - Lapp. 1232002 Datasheet HTML 7Page - Lapp. 1232002 Datasheet HTML 8Page - Lapp. 1232002 Datasheet HTML 9Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 8 of 9
Article
No.
Name
Conductor cross-section
(mm2)
Single core
color
Single core packaging
type
Length per
PU
Nominal voltage
Nominal core
diameter
Copper
index
Weight
1234006 ÖLFLEX® HEAT 125 SC 300/500V 1X1
GN
1 mm²
green
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234007 ÖLFLEX® HEAT 125 SC 300/500V 1X1
VT
1 mm²
violet
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234009 ÖLFLEX® HEAT 125 SC 300/500V 1X1
OG
1 mm²
orange
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234009K ÖLFLEX® HEAT 125 SC 300/500V 1X1
OG
1 mm²
orange
Large Cardboard Box
2,500 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234104 ÖLFLEX® HEAT 125 SC 300/500V 1X1
RD
1 mm²
red
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234104K ÖLFLEX® HEAT 125 SC 300/500V 1X1
RD
1 mm²
red
Large Cardboard Box
2,500 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234105 ÖLFLEX® HEAT 125 SC 300/500V 1X1
WH
1 mm²
white
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234105K ÖLFLEX® HEAT 125 SC 300/500V 1X1
WH
1 mm²
white
Large Cardboard Box
2,500 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234106 ÖLFLEX® HEAT 125 SC 300/500V 1X1
GY
1 mm²
grey
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234106K ÖLFLEX® HEAT 125 SC 300/500V 1X1
GY
1 mm²
grey
Large Cardboard Box
2,500 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234114 ÖLFLEX® HEAT 125 SC 300/500V 1X1
DBU
1 mm²
dark blue
Ring
100 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km
1234114K ÖLFLEX® HEAT 125 SC 300/500V 1X1
DBU
1 mm²
dark blue
Large Cardboard Box
2,500 m
U /U: 300/500 V AC rms
0
according to IEC
9.6 kg/km 14 kg
/km



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com