Electronic Components Datasheet Search
  English  ▼

X  

2170284 Datasheet(PDF) 1 Page - Lapp.

Part # 2170284
Description  ETHERLINE P FLEX Cat. 5e 2x2x26/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170284 Datasheet(HTML) 1 Page - Lapp.

  2170284 Datasheet HTML 1Page - Lapp. 2170284 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170284
DATA SHEET
valid from:
2023-07-31
ETHERLINE P FLEX Cat. 5e
2x2x26/7 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170284EN
Version:
10
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PDC 0019/06_03.23EN
Application
Field of use:
Flexible Industrial Ethernet cable for generic cable system acc. to ISO/IEC 11801 and EN 50173.
Suitable for occasional flexing. Meeting the transmission requirements of IEC 61156-6, Category 5e
and EN 50288-2-2.
Performance:
2-pair, overall braid and foil screened symmetrical cable (SF/UTP), having a nominal impedance of
100 Ω, supporting a bandwidth of 100 Mbit/s (e.g. 10BASE-T, 100BASE-T) over up to 60 m.
Characteristics:
flame retardant, halogen free, oil resistant, UV resistant, abrasion resistant, mechanical resistant,
largely resistant to acids and alkalis
Applications:
EtherCAT, EtherNet/IP and other
Design
Certification
E63634 cRUus AWM Style 21576 AWM I/II A/B 1000 V 80 °C FT2 acc. to UL 758 and CSA
C22.2 No.210
Conductor
stranded bare copper
26/7 AWG (0.14 mm²)
Insulation
PO (Polyolefine)
core diameter:
max. 1.04 mm
Core identification code
pair 1: white-orange/orange; pair 2: white-green/green
Stranding
cores twisted to pairs
pairs stranded to bundle (with fillers)
Taping
platic tape
Screen
plastic laminated aluminum foil
on top:
braid of tinned copper wires (coverage: nom. 85 %)
Outer sheath
TPU (Thermoplastic polyurethane)
blue, similar RAL 5021
outer diameter:
5.6 mm ± 0.3 mm
dl safjl öjf
Electrical properties at 20 °C
Loop resistance
20 °C:
≤ 28 Ω/100 m
Test voltage
core/core:
3000 V
core/screen:
3000 V
Rated voltage
UL:
1000 V
Maximum operating voltage
IEC/EN:
125 V (not intended to be used in conjunction with low impedance
sources, such as power grids)
Insulation resistance
20 °C:
≥ 5 GΩxkm
Mutual capacitance
1 kHz:
nom. 50 nF/km
Capacitance unbalance
1 kHz:
≤ 1600 pF/km
Transfer impedance
Grade 1 acc. to IEC 61156-6
1 MHz:
≤ 15 mΩ/m
10 MHz:
≤ 10 mΩ/m
30 MHz:
≤ 30 mΩ/m
100 MHz:
≤ 100 mΩ/m


Similar Part No. - 2170284

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170280 LAPP-2170280 Datasheet
259Kb / 2P
ETHERLINE® H Cat.5¢ 2x2xAWG24
01.01.2019
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
logo
TE Connectivity Ltd
2170286-1 TEC-2170286-1 Datasheet
2Mb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170287-1 TEC-2170287-1 Datasheet
2Mb / 8P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170287-2 TEC-2170287-2 Datasheet
2Mb / 8P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170284

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170433 LAPP-2170433 Datasheet
393Kb / 2P
ETHERLINE P EC FD Cat. 5e 1x4x26/19 AWG
2023-08-11
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
2170489 LAPP-2170489 Datasheet
431Kb / 2P
ETHERLINE FD P Cat. 5e 4x2x26/19 AWG
2023-07-31
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170901 LAPP-2170901 Datasheet
273Kb / 2P
ETHERLINE™ Y CAT.5e BK 2x2xAWG 22/7
01.01.2019
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com