Electronic Components Datasheet Search
  English  ▼

X  

2170284 Datasheet(PDF) 2 Page - Lapp.

Part # 2170284
Description  ETHERLINE P FLEX Cat. 5e 2x2x26/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170284 Datasheet(HTML) 2 Page - Lapp.

  2170284 Datasheet HTML 1Page - Lapp. 2170284 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170284
DATA SHEET
valid from:
2023-07-31
ETHERLINE P FLEX Cat. 5e
2x2x26/7 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170284EN
Version:
10
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PDC 0019/06_03.23EN
Coupling attenuation
Type I acc. to IEC 61156-6
30 MHz:
≥ 85
100 MHz:
≥ 85
1000 MHz:
≥ 65
Velocity of propagation
100 MHz:
nom. 0.67 c
Transmission properties at 20°C
The transmission characteristics meet the requirements of IEC 61156-6 for category 5e.
f [MHz]
[ns/
100 m]
[ns/
100 m]
[dB/
100 m]
[dB]
[dB]
[dB]
[dB]
[dB/
100 m]
[dB/
100 m]
[Ohm]
[dB]
4
552.0
45.0
6.0
34.0
23.0
56.3
53.3
55.0
52.0
---
23.0
10
545.4
45.0
9.5
30.0
15.0
50.3
47.3
49.0
46.0
---
25.0
16
543.0
45.0
12.1
28.0
10.9
47.2
44.2
45.9
42.9
---
25.0
20
542.0
45.0
13.5
27.0
9.0
45.8
42.8
44.5
41.5
---
25.0
30
540.6
45.0
16.7
25.2
5.5
43.1
40.1
41.8
38.8
---
23.5
62.5
538.6
45.0
24.8
22.0
---
38.4
35.4
37.1
34.1
---
20.7
100
537.6
45.0
32.0
20.0
---
35.3
32.3
34.0
31.0
100 ± 5
19.0
Mechanical and thermal properties
Minimum bending radius
fixed installation:
8× outer diameter
occasional flexing:
15× outer diameter
Temperature range
fixed installation:
-40˚C up to +80˚C
occasional flexing:
-20˚C up to +50˚C
UL temperature rating:
80 ˚C
Flammability
flame retardant acc. to ISO 6722-1 and IEC 60332-1-2 resp. EN 60332-1-2
FT2 acc. to UL 1581 §1100
Halogen free
acc. to IEC 60754-1 resp. EN 60754-1
Oil resistance
acc. to. EN 50363-10-2
UV resistance
acc. to. ISO 4892-2, method A
.
..
General requirements
These cables are conform to the EU-Directive 2011/65/EU (RoHS, Restriction of the use of
certain hazardous substances) and the LV-Directive 2014/35/EU (Low voltage Directive).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).
.
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com