Electronic Components Datasheet Search
  English  ▼

X  

1591313 Datasheet(PDF) 2 Page - Lapp.

Part # 1591313
Description  J-Y(ST)Y...LG Indoor Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1591313 Datasheet(HTML) 2 Page - Lapp.

  1591313 Datasheet HTML 1Page - Lapp. 1591313 Datasheet HTML 2Page - Lapp. 1591313 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT INFORMATION
J-Y(ST)Y...LG Indoor Cable
Product Make-up
Solid bare copper conductor
Core insulation made of PVC
Cores twisted in pairs,
pairs twisted together,
foil wrapping over cable core,
static screen made of aluminium-laminated plastic film with copper drain wire
Outer sheath made of PVC
Outer sheath colour: pebble grey (RAL 7032)
Technical Data
Classification:
ETIM 5.0 Class-ID: EC000829
ETIM 5.0 Class-Description: Signal-/telecommunications cable
Core identification code:
according to VDE 0815,
refer to Appendix T10
Peak operating voltage:
(not for power applications)
300 V
Coupling:
(800 Hz): K1: 80% ≤ 300 pF/100m
Conductor cross-section in:
0.6 mm: 0.28 mm²
0.8 mm: 0.50 mm²
Cable attenuation/attenuation:
0.6 mm: 1.7 dB/km
0.8 mm: 1.1 dB/km
Minimum bending radius:
Fixed installation: 10 x outer diameter
Test voltage:
Core/core: 800 V
Core/screen: 800 V
Loop resistance:
0.6 mm: max. 130 ohm/km
0.8 mm: max. 73.2 ohm/km
Temperature range:
Occasional flexing: -5°C to +50°C
Fixed installation: -30°C to +70°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 100/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Photographs are not to scale and do not represent detailed images of the respective products.
Prices are net prices without VAT and surcharges. Sale to business customers only.
Last Update (21.09.2017)
2 / 3
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com