Electronic Components Datasheet Search
  English  ▼

X  

1591313 Datasheet(PDF) 3 Page - Lapp.

Part # 1591313
Description  J-Y(ST)Y...LG Indoor Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1591313 Datasheet(HTML) 3 Page - Lapp.

  1591313 Datasheet HTML 1Page - Lapp. 1591313 Datasheet HTML 2Page - Lapp. 1591313 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Article number
Number of double cores
Outer diameter [mm]
Copper index [kg/km]
Weight [kg/km]
J-Y(ST)Y...LG copper conductor 0.6 mm
1591301
2
5.5
13
40
1591302
3
6.3
18
50
1591303
4
6.7
24
60
1591304
5
7.2
30
70
1591305
6
7.5
35
80
1591306
8
8
46
90
1591307
10
9
58
110
1591308
12
9.5
71
130
1591310
16
10.5
93
160
1591311
20
11
116
190
1591312
24
11.5
139
220
1591313
30
13
172
280
1591315
50
17
286
430
1591318
100
23
568
850
J-Y(ST)Y...LG copper conductor 0.8 mm
1591500
1
6
11
40
1591501
2
7
21
60
1591502
3
8.5
31
80
1591503
4
9
41
100
1591505
6
10.5
62
140
1591506
8
11.5
82
170
1591507
10
13
102
220
1591508
12
14
123
250
1591511
20
16.5
204
380



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com