Electronic Components Datasheet Search
  English  ▼

X  

632-S Datasheet(PDF) 2 Page - Linemaster Switch Corporation

Part # 632-S
Description  CLIPPER FOOTSWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

632-S Datasheet(HTML) 2 Page - Linemaster Switch Corporation

  632-S Datasheet HTML 1Page - Linemaster Switch Corporation 632-S Datasheet HTML 2Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
634-DA
Maintained
DPDT
C
10 A 125-250 VAC
1/8 H.P. 125 VAC
1/4 H.P. 250 VAC
TWIN 632-S
Momentary
Each Side SPDT
C
20 A 125-250 VAC
1 H.P. 125-250 VAC
TWIN 635-S
Momentary
Each Side DPDT
C
15 A 125 VAC
10 A 250 VAC
1/2 H.P. 125-250 VAC
638-S
Momentary
SPDT
C
10 A 125-250 VAC
1/2 H.P. 125-250 VAC
638-SC38** (IP21)
Momentary
SPST Wired N.O.
A
10 A 125-250 VAC
1/2 H.P. 125-250 VAC
Model 638-S features a cast aluminum housing painted Alert Orange with a splash resistant interior switch.
*Supplied with 8 ft. 14/3 cord and 3 prong series plug. Green lead grounded.
**Supplied with 8 ft. 16/3 cord, wired N.O. with green lead grounded.
±DB Double Break models must be wired to equal voltage sources and the same polarity. The loads should be on the same sides of the line.
BOLD COPY INDICATES STOCK ITEM
Home | About | Products | Catalog | Int'l Distributors | Glossary | Support | Representative | ISO-9001 | Literature | Press | Shows | Directions | Contact
LINEMASTER Switch Corporation · 29 Plaine Hill Road · POB 238 · Woodstock, CT 06281-0238 · USA
Tel: 860.974.1000 Fax: 860.974.0691 or Toll-Free Fax 800.974.3668 (USA Only)
© Copyright
Linemaster Switch Corporation
2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com