Electronic Components Datasheet Search
  English  ▼

X  

632-S Datasheet(PDF) 1 Page - Linemaster Switch Corporation

Part # 632-S
Description  CLIPPER FOOTSWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

632-S Datasheet(HTML) 1 Page - Linemaster Switch Corporation

  632-S Datasheet HTML 1Page - Linemaster Switch Corporation 632-S Datasheet HTML 2Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Home | About | Products | Catalog | Int'l Distributors | Glossary | Support | Representative | ISO-9001 | Literature | Press | Shows | Directions | Contact
CLIPPER
FOOTSWITCH
Environmental Ratings:
EN 60529 Degree of Protection IP20
Key Benefits
The rugged, long life Clipper foot switch models have proved themselves in the field over many years of usage.
All maintained models offer "Push On-Push Off" action that insures long trouble-free performance. The wide
treadle models offer a large seven inch target for the operator's foot. Cast iron housing. Nonskid base pad.
Complete with adjustable strain relief connector. Black finish.
Size: 4-1/2" x 3-1/2" x 1-1/2"
Weight: 2-1/4 lbs.
The CLIPPER TWIN consists of two SPDT or two DPDT foot switches mounted on a heavy steel base plate with
nonskid pad. Divider bar between pedals helps prevent accidental operation of both pedals at one time. A tube
between the two foot switches conceals all internal wiring between them. A conduit opening with strain relief
connector is provided in the right foot switch.
Size:8-3/8" x 4-1/2" x 1-1/2"
Weight: 5 lbs.
Model 638-S features a cast aluminum housing painted Alert Orange with a splash resistant interior switch.
Clipper Footswitch
Clipper Wide Treadle Footswitch
Request A Quote
SPECIFICATIONS
(Special variations are available to the O.E.M. on special order on the models listed below)
CATALOG NUMBER
REGULAR
TREADLE
WIDE
TREADLE
DESCRIPTION
CIRCUIT
FORM
ELECTRICAL
RATINGS
632-S
642-S
Momentary
SPDT
C
20 A 125-250 VAC
1 H.P. 125-250 VAC
632-SC3*
Momentary
SPST Wired N.O.
A
15 A 125 VAC
3/4 H.P. 125 VAC
633-S
643-S
Momentary
SPDT DB±
Z
20 A 125-250 VAC
3/4 H.P. 125 VAC
1 H.P. 250 VAC
635-S
645-S
Momentary
DPDT
C
15 A 125 VAC
10 A 250 VAC
1/2 H.P. 125-250 VAC
636-S
646-S
Two Stage
Momentary
Each Stage SPDT
C
15 A 125 VAC
10 A 250 VAC
1/2 H.P. 125-250 VAC
632-DA
642-DA
Maintained
SPDT
C
20 A 125-250 VAC
1 H.P. 125-250 VAC


Similar Part No. - 632-S

ManufacturerPart #DatasheetDescription
logo
Linemaster Switch Corpo...
632-S LINEMASTER-632-S Datasheet
2Mb / 2P
CLIPPER FOOT SWITCH
632-S.. LINEMASTER-632-S.. Datasheet
2Mb / 2P
CLIPPER FOOT SWITCH
logo
EDAC, All Rights Reserv...
632-SERIES EDAC-632-SERIES Datasheet
405Kb / 2P
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
More results

Similar Description - 632-S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DZ2J068M0L PANASONIC-DZ2J068M0L Datasheet
393Kb / 4P
Silicon epitaxial planar type For constant voltage / waveform clipper and surge absorption circuit Low noise type
logo
Panasonic Battery Group
DZ2J180M0L PANASONICBATTERY-DZ2J180M0L Datasheet
396Kb / 4P
Silicon epitaxial planar type For constant voltage / waveform clipper and surge absorption circuit Low noise type
logo
Panasonic Semiconductor
DZ2J056M0L PANASONIC-DZ2J056M0L Datasheet
386Kb / 4P
Silicon epitaxial planar type For constant voltage waveform clipper and surge absorption circuit Low noise type
logo
New Jersey Semi-Conduct...
1N4831 NJSEMI-1N4831 Datasheet
51Kb / 1P
ZENER DIODES 1.2 WATTS POWER DISSIPATION DOUBLE ANODE CLIPPER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com