Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FHN33/102 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC1111FHN33/102
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FHN33/102 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC1111FHN33/102 Datasheet HTML 35Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 36Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 37Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 38Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 39Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 40Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 41Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 42Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
39 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
PIO2_2/DCD/MISO1
26[3]
G8[3]
no
I/O
I; PU
PIO2_2 — General purpose digital input/output pin.
I-
DCD — Data Carrier Detect input for UART.
I/O
-
MISO1 — Master In Slave Out for SPI1.
PIO2_3/RI/MOSI1
38[3]
A7[3]
no
I/O
I; PU
PIO2_3 — General purpose digital input/output pin.
I-
RI — Ring Indicator input for UART.
I/O
-
MOSI1 — Master Out Slave In for SPI1.
PIO2_4/
CT16B1_MAT1/
SSEL1
19[3]
G5[3]
no
I/O
I; PU
PIO2_4 — General purpose digital input/output pin.
O-
CT16B1_MAT1 — Match output 1 for 16-bit timer 1.
O-
SSEL1 — Slave Select for SPI1.
PIO2_5/
CT32B0_MAT0
20[3]
H5[3]
no
I/O
I; PU
PIO2_5 — General purpose digital input/output pin.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO2_6/
CT32B0_MAT1
1[3]
A1[3]
no
I/O
I; PU
PIO2_6 — General purpose digital input/output pin.
O-
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO2_7/
CT32B0_MAT2/RXD
11[3]
G2[3]
no
I/O
I; PU
PIO2_7 — General purpose digital input/output pin.
O-
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
I-
RXD — Receiver input for UART.
PIO2_8/
CT32B0_MAT3/TXD
12[3]
G1[3]
no
I/O
I; PU
PIO2_8 — General purpose digital input/output pin.
O-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
O-
TXD — Transmitter output for UART.
PIO2_9/
CT32B0_CAP0
24[3]
H7[3]
no
I/O
I; PU
PIO2_9 — General purpose digital input/output pin.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO2_10
25[3]
H8[3]
no
I/O
I; PU
PIO2_10 — General purpose digital input/output pin.
PIO2_11/SCK0/
CT32B0_CAP1
31[3]
D7[3]
no
I/O
I; PU
PIO2_11 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
I-
CT32B0_CAP1 — Capture input for 32-bit timer 0.
PIO3_0 to PIO3_5
I/O
Port 3 — Port 3 is a 12-bit I/O port with individual
direction and function controls for each bit. The
operation of port 3 pins depends on the function
selected through the IOCONFIG register block. Pins
PIO3_6 to PIO3_11 are not available.
PIO3_0/DTR/
CT16B0_MAT0/TXD
36[3]
B8[3]
no
I/O
I; PU
PIO3_0 — General purpose digital input/output pin.
O-
DTR — Data Terminal Ready output for UART.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
O-
TXD — Transmitter Output for UART.
PIO3_1/DSR/
CT16B0_MAT1/RXD
37[3]
A8[3]
no
I/O
I; PU
PIO3_1 — General purpose digital input/output pin.
I-
DSR — Data Set Ready input for UART.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
I-
RXD — Receiver input for UART.
Table 10.
LPC1100XL series: LPC1113/14/15 pin description table (LQFP48 and TFBGA48 package) …continued
Symbol
Start
logic
input
Type
Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com