Electronic Components Datasheet Search
  English  ▼

X  

LPC1111FHN33/102 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC1111FHN33/102
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FHN33/102 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC1111FHN33/102 Datasheet HTML 56Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 57Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 58Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 59Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 60Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 61Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 62Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 63Page - NXP Semiconductors LPC1111FHN33/102 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
60 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
Table 15.
LPC111x/x02 Thermal resistance value (C/W): ±15 %
HVQFN33
LQFP48
ja
ja
JEDEC (4.5 in
 4 in)
JEDEC (4.5 in
 4 in)
0 m/s
40.8
0 m/s
83.3
1 m/s
33.1
1 m/s
74.9
2.5 m/s
28.7
2.5 m/s
69.4
Single-layer (4.5 in
 3 in)
8-layer (4.5 in
 3 in)
0 m/s
85.2
0 m/s
116.3
1 m/s
62
1 m/s
96
2.5 m/s
53.5
2.5 m/s
87.5
jc
17.9
jc
28.3
jb
1.5
jb
35.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com