Electronic Components Datasheet Search
  English  ▼

X  

LPC802UK Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC802UK
Description  32-bit ARM Cortex-M0 microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802UK Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC802UK Datasheet HTML 45Page - NXP Semiconductors LPC802UK Datasheet HTML 46Page - NXP Semiconductors LPC802UK Datasheet HTML 47Page - NXP Semiconductors LPC802UK Datasheet HTML 48Page - NXP Semiconductors LPC802UK Datasheet HTML 49Page - NXP Semiconductors LPC802UK Datasheet HTML 50Page - NXP Semiconductors LPC802UK Datasheet HTML 51Page - NXP Semiconductors LPC802UK Datasheet HTML 52Page - NXP Semiconductors LPC802UK Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.8 — 25 September 2019
49 of 81
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
13.3 I/O pins
[1]
Applies to standard port pins and RESET pin.
13.4 WKTCLKIN pin (wake-up clock input)
[1]
Assuming a square-wave input clock.
13.5 I2C-bus
Table 17.
Dynamic characteristic: LPOsc
Tamb = 40 C to +105 C; 1.71 V  VDD  3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
LPOsc clock
frequency
-
1 -3%
1
1 +3%
MHz
Table 18.
Dynamic characteristics: I/O pins[1]
Tamb = 40 C to +105 C; 3.0 V  VDD  3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
pin configured as output
3.0
-
5.0
ns
tf
fall time
pin configured as output
2.5
-
5.0
ns
Table 19.
Dynamic characteristics: WKTCLKIN pin
Tamb = 40 C to +105 C; 1.71 V  VDD  3.6 V.
Symbol
Parameter
Conditions
Min
Max
Unit
fclk
clock frequency
power-down, deep-sleep, and active
mode
[1]
-
10
MHz
tCHCX
clock HIGH time
-
50
-
ns
tCLCX
clock LOW time
-
50
-
ns
Table 20.
Dynamic characteristic: I2C-bus pins[1]
Tamb = 40 C to +105 C; values guaranteed by design.[2]
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock
frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
tf
fall time
[4][5][6]
of both SDA and
SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1
 Cb
300
ns
tLOW
LOW period of
the SCL clock
Standard-mode
4.7
-
s
Fast-mode
1.3
-
s
tHIGH
HIGH period of
the SCL clock
Standard-mode
4.0
-
s
Fast-mode
0.6
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com