Electronic Components Datasheet Search
  English  ▼

X  

LPC802UK Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC802UK
Description  32-bit ARM Cortex-M0 microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802UK Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC802UK Datasheet HTML 52Page - NXP Semiconductors LPC802UK Datasheet HTML 53Page - NXP Semiconductors LPC802UK Datasheet HTML 54Page - NXP Semiconductors LPC802UK Datasheet HTML 55Page - NXP Semiconductors LPC802UK Datasheet HTML 56Page - NXP Semiconductors LPC802UK Datasheet HTML 57Page - NXP Semiconductors LPC802UK Datasheet HTML 58Page - NXP Semiconductors LPC802UK Datasheet HTML 59Page - NXP Semiconductors LPC802UK Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.8 — 25 September 2019
56 of 81
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
14.2 ADC
[1]
The input resistance of ADC channel 0 is higher than for all other channels. See Figure 30.
[2]
In the ADC TRM register, set VRANGE = 0 (default).
[3]
In the ADC TRM register, set VRANGE = 1 (default).
[4]
Based on characterization. Not tested in production.
[5]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 30.
[6]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 30.
[7]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 30.
[8]
The full-scale error voltage or gain error (EG) is the difference between the straight line fitting the actual transfer curve after removing
offset error, and the straight line which fits the ideal transfer curve. See Figure 30.
[9]
Tamb = 25 C; maximum sampling frequency fs = 480 Ksamples/s and analog input capacitance Cia = 26 pF.
[10] Input impedance Zi (see Section 14.2.1) is inversely proportional to the sampling frequency and the total input capacity including Cia and
Cio: Zi  1 / (fs  Ci). See Table 12 for Cio.
Table 25.
12-bit ADC static characteristics
Tamb = 40 C to +105 C unless noted otherwise; VDD = 2.5 V to 3.6 V; VREFP = VDD; VREFN = VSS.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDD
V
Vref
reference voltage
on pin VREFP
2.5
-
VDD
V
Cia
analog input
capacitance
-
-
26
pF
fclk(ADC)
ADC clock frequency
[2] -
-
15
MHz
fs
sampling frequency
[2] -
-
480
Ksamples/s
ED
differential linearity
error
[5][4] -
1
-
LSB
EL(adj)
integral non-linearity
[6][4] -
4
-
LSB
EO
offset error
[7][4] -
3
-
LSB
Verr(fs)
full-scale error voltage
[8][4] -
0.1
-
%
Zi
input impedance
fs = 480 Ksamples/s
[1][9]
[10]
0.1
-
-
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com