Electronic Components Datasheet Search
  English  ▼

X  

MAX17332 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX17332
Description  Installs all EV kit files on a computer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX17332 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX17332 Datasheet HTML 9Page - Analog Devices MAX17332 Datasheet HTML 10Page - Analog Devices MAX17332 Datasheet HTML 11Page - Analog Devices MAX17332 Datasheet HTML 12Page - Analog Devices MAX17332 Datasheet HTML 13Page - Analog Devices MAX17332 Datasheet HTML 14Page - Analog Devices MAX17332 Datasheet HTML 15Page - Analog Devices MAX17332 Datasheet HTML 16Page - Analog Devices MAX17332 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.analog.com
Analog Devices │ 13
MAX17332 Evaluation Kit
Evaluates: MAX17332
computes MAC results based on chip ROM ID that is spe-
cific to the chip.
Compute MAC without ROM ID would
not involve ROM ID into computation, which means the
MAC result for every chip given the same challenge and
secret should be the same.
Compute Next Secret com-
mands not only computes authentication result, but also
updates the secret value [Secret0–Secret9] to [MAC6–
MAC15]. If there are no
Secret Changes Remaining dis-
played in the
SHA Secret group or the Secret is locked,
the Secret does not update.
History Tab
The
History tab visualizes all nonvolatile update history
on the
0x1Ax column of the nonvolatile memory map.
Figure 11 shows the
History Tab. This column of nonvola-
tile memory features the Fibonacci Saving mechanism to
help the IC efficiently learn and adapt to battery charac-
teristics change. This column of memory is updated by
the IC through usage cycles as the IC observes changes
to the battery capacity, observed MaxMin voltages,
currents, temperatures, and any battery faults. The
updates are saved to nonvolatile memory and can be
read over I2C.
In the
Read History group box, click the Read Battery
History button to initiate the nonvolatile history recall pro-
cess. Once the process is initiated, it takes a while to load
the nonvolatile history from the IC. Click the
Read Battery
History and Save to File to save the nonvolatile history
to a .csv file in addition to initiate the nonvolatile history
recall process. After the recall process is finished, enter
in the page number or select the + or – sign to browse
through the nonvolatile history at the
Display History
Data tool. The detailed information of the specific page
selected is displayed in the
Logging History section.
Figure 11. History Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com