| Electronic Components Datasheet Search |
|
MAX17332 Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MAX17332 Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 35 page ![]() www.analog.com Analog Devices │ 2 MAX17332 Evaluation Kit Evaluates: MAX17332 Quick Start Required Equipment ● MAX17332 Evaluation kit ● Lithium-ion/Polymer cell ● Voltage source/Power supply ● Load circuit ● USB Micro B cable ● PC with Windows 7 or newer windows operating system and USB port Procedure Follow the steps to install the EV kit software, make required hardware connections, and start operation of the kits. The EV kit software can be launched without the hardware attached. It automatically recognizes the hardware when connections are made. Note that after communication is established with the IC, it must be con- figured correctly for proper operation. 1) Visit https://www.maximintegrated.com/MAX17332 page under the Design Resources tab to download the latest version of the MAX17332 EV kit software. Save the EV kit software to a temporary folder and unpack the ZIP file. 2) Install the EV kit software on a computer by running the MAX17332EVKitGUISetup.msi program inside the temporary folder. The program files are copied, and icons are created in the Windows Start menu. The software requires Windows 7 or a newer operat- ing system. The software requires the .NET Frame- work 4.5 or later. If you are connected to the internet, Windows automatically updates the .NET framework as needed. 3) Follow the prompts to complete the installation. The evaluation software can be uninstalled in the Add/Remove Programs tool in the Control Panel. 4) The EV kit software launches automatically after in- stallation or alternatively, it can be launched by click- ing on its icon in the Windows Start menu. 5) Make connections to the EV kit board based on Figure 1. The cell connects between the BATTN/ BATTP pads. The load or charger circuit can be con- nected between the SYSN and SYSP pads at this time as well. 6) Connect the EV kit to a USB port on the PC using the USB cable. Press the PKWK button to wake up the MAX17332. The GUI software establishes communi- cation automatically. 7) At startup, the IC defaults to EZ Configuration. If a custom .INI file for the application is available, it should be loaded at this time. 8) To begin charging, connect a source at SYSP/SYSN. The MAX17332 regulates the voltage and current based on the settings in the Charging Configura- tion. Connect a resistor or an E-Load to begin dis- charging the battery. Figure 1. MAX17332 Board Connections |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |