Electronic Components Datasheet Search
  English  ▼

X  

2170609 Datasheet(PDF) 1 Page - Lapp.

Part # 2170609
Description  ETHERLINE® PN Cat. 7 FRNC FLEX A 4x2x 23/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170609 Datasheet(HTML) 1 Page - Lapp.

  2170609 Datasheet HTML 1Page - Lapp. 2170609 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170609
DATA SHEET
valid from:
16.11.2020
4x2x 23/7 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170609EN
Version:
02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
cabling class “F” and a maximum transfer rate (IEEE 802.3) of 10 GBit/s to 100m. The
electrical parameter of the cable with a nominal impedance of 100 Ω and excellent shielding
properties (pair and total screen) are normatively specified to IEC 61156-5.
It is provided for industrial secondary and tertiary cable according to EN 50173-3 ISO/IEC
24702. Other applications are Profinet with 4 Pairs, EtherCAT, EtherNet/IP, Power over
Ethernet (IEEE’s 802.3af) and Power over Ethernet Plus (802.3at).
The product is flame retardant, halogen free and comes in rough industrial environments for
use. It is suitable for fixed installation and serves to wiring of machines, tools, devices,
appliances and control cabinets.
Design
Certification
c(UL)us CM 75 °C acc. to UL 444 and CSA C22.2 No. 214-17
EN 13501-6 and EN 50575 Classification of fire behaviour
Conductor
stranded bare copper
23/7 AWG
Insulation
foamed polyolefin
core diameter: ca. 1.53 mm
Core identification code
pair 1: white(-blue)/blue, pair 2: white(-orange)/orange,
pair 3: white(-green)/green, pair 4: white(-brown)/brown
Stranding
2 cores stranded to pair,
4 pairs stranded together
Pair screen
plastic laminated aluminium foil (overlapping)
Screen
braid of tinned copper wires (coverage 85 % ±5 %)
Outer sheath
FRNC
green, similar RAL 6018
outer diameter: 8.7 mm (± 0.3 mm)
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 13.84 Ω/100 m
Insulation resistance
min. 5 GΩxkm
Mutual capacitance
nom. 44 nF/km
Characteristic impedance
nom. 100 Ω acc. to IEC 61156-6
Velocity of propagation
0.75c
Signal propagation time
≤ 470 ns/100 m
Delay skew
≤ 25 ns/100 m
Operating voltage (max.)
EN:
125 V (not for power purposes)
Rated voltage
UL:
300 V acc. to UL 444
Test voltage
core/core:
1700 V
core/screen:
1700 V


Similar Part No. - 2170609

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170605 LAPP-2170605 Datasheet
288Kb / 2P
ETHERLINE® PN Cat.7 Y A 4x2x23/1 AWG
16.01.2024
logo
TE Connectivity Ltd
2170608 TEC-2170608 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
2170608-1 TEC-2170608-1 Datasheet
849Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170608-2 TEC-2170608-2 Datasheet
849Kb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2170609

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170455 LAPP-2170455 Datasheet
273Kb / 2P
ETHERLINE ROBUST PN FR Cat. 7
01.01.2019
2170474 LAPP-2170474 Datasheet
245Kb / 2P
ETHERLINE® Cat. 7 Y ‘ 4x2x22/1 AWG
09.08.2021
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170283 LAPP-2170283 Datasheet
302Kb / 2P
ETHERLINE H Flex Cat. 5e 2x2x26/7 AWG
2023-07-31
2170584 LAPP-2170584 Datasheet
239Kb / 2P
ETHERLINE® PN CAT.6A FRNC FC 4x2x23/1 AWG
15.07.2020
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
2170891 LAPP-2170891 Datasheet
258Kb / 2P
ETHERLINE® PN Cat. 5e Y 2x2x22 AWG
01.01.2019
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170934 LAPP-2170934 Datasheet
389Kb / 2P
ETHERLINE Cat. 7 FLEX 4x2x26/7 AWG
2023-08-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com