Electronic Components Datasheet Search
  English  ▼

X  

2170609 Datasheet(PDF) 2 Page - Lapp.

Part # 2170609
Description  ETHERLINE® PN Cat. 7 FRNC FLEX A 4x2x 23/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170609 Datasheet(HTML) 2 Page - Lapp.

  2170609 Datasheet HTML 1Page - Lapp. 2170609 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170609
DATA SHEET
valid from:
16.11.2020
4x2x 23/7 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170609EN
Version:
02
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
The transmission characteristics meet the requirements of the standards EN 50288-4-2 and IEC 61156-6 for category 7. The
normative requirements for the transmission properties are shown in the following table:
f [MHz]
4
10
20
62,5
100
200
250
500
600
(max.) Attenuation
[dB/100 m]
5,5
8,5
21,1
21,7
27,8
40,1
45,3
66,2
73,3
(min.) TCL
[dB]
34
30
27
22
20
17
16
13
12,2
(min.) EL TCTL
[dB/100 m]
23
15
9
---
---
---
---
---
---
(min.) NEXT
[dB]
80
80
80
75,5
72,4
67,9
66,5
61,9
60,8
(min.) PS EL FEXT
[dB/100 m]
77
71
65
55,1
51
45
43
37
35,4
(min.) ACR-F/EL FEXT
[dB/100 m]
80
74
68
58,1
54
48
46
40
38,4
(min.) Return Loss
[dB]
23
25
25
21,5
20,1
18
17,3
17,3
17,3
Mechanical and thermal properties
Minimum bending radius
fixed installation:
4x outer diameter
occasional flexing:
8x outer diameter
Temperature range
fixed installation:
-40 ˚C up to +80 ˚C
occasional flexing:
-30 ˚C up to +50 ˚C
c(UL)us CM:
+75 °C
Flammability
flame retardant acc. to. IEC 60332-1-2 resp. EN 60332-1-2
UL flame exposure acc. to UL 1685 §4 - §11 (smoke measurements are not applicable)
Halogen free
acc. to IEC 60754-1 resp. EN 60754-1
Corrosivity of gases
acc. to IEC 60754-2 resp. EN 60754-2
Smoke density
acc. to IEC 61043 resp. EN 61034
General requirements
This cable is conform to EU-Directive 2014/35/EU (Low Voltage Directive) and to EU-Directive
2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com