Electronic Components Datasheet Search
  English  ▼

X  

CS495303 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS495303
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495303 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS495303 Datasheet HTML 6Page - Cirrus Logic CS495303 Datasheet HTML 7Page - Cirrus Logic CS495303 Datasheet HTML 8Page - Cirrus Logic CS495303 Datasheet HTML 9Page - Cirrus Logic CS495303 Datasheet HTML 10Page - Cirrus Logic CS495303 Datasheet HTML 11Page - Cirrus Logic CS495303 Datasheet HTML 12Page - Cirrus Logic CS495303 Datasheet HTML 13Page - Cirrus Logic CS495303 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
10
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5. Characteristics and Specifications
Note: All data sheet minimum and maximum timing parameters are guaranteed over the rated voltage and
temperature. All data sheet typical parameters are measured under the following conditions:
T=25 °C, CL = 20 pF, VDD = VDDA = 1.8 V, VDDIO = 3.3 V, GNDD = GNDIO = GNDA = 0 V.
5.1 Absolute Maximum Ratings
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
CAUTION: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
5.2 Recommended Operating Conditions
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
Note: It is recommended that the 3.3 V IO supply come up ahead of or simultaneously with the 1.8 V core supply.
5.3 Digital DC Characteristics
(Measurements performed under static conditions.)
Parameter
Symbol
Min
Max
Unit
DC power supplies:
Core supply
PLL supply
I/O supply
|VDDA – VDDIO|
VDD
VDDA
VDDIO
–0.3
–0.3
–0.3
-
2.0
3.6
3.6
0.3
V
V
V
V
Input pin current, any pin except supplies
Iin
-+/- 10
mA
Input voltage on PLL_REF_RES
Vfilt
-0.3
3.6
V
Input voltage on I/O pins
Vinio
-0.3
5.0
V
Storage temperature
Tstg
–65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC power supplies:
Core supply
PLL supply
I/O supply
|VDDA – VDDIO|
VDD
VDDA
VDDIO
1.71
3.13
3.13
1.8
3.3
3.3
0
1.89
3.46
3.46
V
V
V
V
Ambient operating temperature
- CQ
- DQ
TA
0
- 40
-
+ 70
+ 85
°C
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
-
-
V
Low-level input voltage, except XTI
VIL
--
0.8
V
Low-level input voltage, XTI
VILXTI
--
0.6
V
Input Hysteresis
Vhys
0.4
V
High-level output voltage (IO = -4mA), except XTI,
SDRAM pins
VOH
VDDIO * 0.9
-
-
V
Low-level output voltage (IO = 4mA), except XTI, SDRAM
pins
VOL
--
VDDIO * 0.1
V
SDRAM High-level output voltage (IO = -8mA)
VOH
VDDIO * 0.9
-
-
V
SDRAM Low-level output voltage (IO = 8mA)
VOL
--
VDDIO * 0.1
V
Input leakage current (all digital pins with internal pull-up
resistors disabled)
IIN
--
5
μA
Input leakage current (all digital pins with internal pull-up
resistors enabled, and XTI)
IIN-PU
--
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com