Electronic Components Datasheet Search
  English  ▼

X  

CS495303 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS495303
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495303 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS495303 Datasheet HTML 22Page - Cirrus Logic CS495303 Datasheet HTML 23Page - Cirrus Logic CS495303 Datasheet HTML 24Page - Cirrus Logic CS495303 Datasheet HTML 25Page - Cirrus Logic CS495303 Datasheet HTML 26Page - Cirrus Logic CS495303 Datasheet HTML 27Page - Cirrus Logic CS495303 Datasheet HTML 28Page - Cirrus Logic CS495303 Datasheet HTML 29Page - Cirrus Logic CS495303 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
26
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5.20 Switching Characteristics — External Memory Interface - Flash Mode
Parameter
Symbol
Min
Max
Unit
Write Cycle
Address Setup time to EXT_WE# falling
txmwasu
1.2 * DCLKP
ns
EXT_CS# falling to EXT_WE# falling1
1. The following parameters are set by communication with the application firmware. Please refer to AN288 or
CS4953xx Firmware Users Manual
for more information.
0 < Flash_WEN_CYCLE < 15
0 < Flash_WR_CYCLE < 31
1 < Flash_RD_CYCLE < 31
0 < Flash_OEN_CYCLE < 15
4 < Flash_TURN_CYCLE < 15
txmcswe
(Flash_WEN_CYCLE + 1.2) * DCLKP
ns
EXT_CS# falling to EXT_WE# rising1
txmcswa
(Flash_WR_CYCLE + 2.2) * DCLKP
ns
EXT_WE# low time
txmwp
2.2 * DCLKP
ns
Data Hold after EXT_WE# or EXT_CS# high
txmwdh
0.9 * DCLKP
ns
Address Hold from end of write
txmwah
0.8 * DCLKP
ns
EXT_WE# falling to data valid
txmwedv
-0
ns
EXT_CS# high time2
2. A data write transaction is either a burst of two 16-bit half words or four 8-bit bytes with EXT_CS# toggling between
address phases.
txmcsh
TBD
ns
Read Cycle
Single Word Read Cycle1
txmrdc
(Flash_RD_CYCLE + 1) * DCLKP
ns
EXT_CS# falling to EXT_OE# falling1
txmcsoe
Flash_OEN_CYCLE * DCLKP + 1
ns
Data Hold after EXT_OE# or EXT_CS# high
txmrdh
4
ns
Data Input Setup Time
txmrdsu
7
ns
Bus Turnaround Cycle Delay, Read to Write Cycle or Static
to Dynamic1, 3
3. A data read transaction is either a burst of two 16-bit half words (as shown) or four 8-bit bytes with EXT_CS#
remaining asserted between address phases.
txmturn
(Flash_TURN_CYCLE + 1) * DCLKP
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com