Electronic Components Datasheet Search
  English  ▼

X  

MIC2591B Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2591B
Description  Dual-Slot PCI Express Hot-Plug Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2591B Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2591B Datasheet HTML 9Page - Micrel Semiconductor MIC2591B Datasheet HTML 10Page - Micrel Semiconductor MIC2591B Datasheet HTML 11Page - Micrel Semiconductor MIC2591B Datasheet HTML 12Page - Micrel Semiconductor MIC2591B Datasheet HTML 13Page - Micrel Semiconductor MIC2591B Datasheet HTML 14Page - Micrel Semiconductor MIC2591B Datasheet HTML 15Page - Micrel Semiconductor MIC2591B Datasheet HTML 16Page - Micrel Semiconductor MIC2591B Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
March 2005
13
M9999-033105
MIC2591B
Micrel
Typical Characteristics (cont.)
0
100
200
300
400
500
600
700
800
900
1000
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Discharge Resistance
vs. Temperature
VAUX
3VOUT
12VOUT
4.4
4.6
4.8
5.0
5.2
5.4
5.6
0
1
4.4
4.4
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Overcurrent Delay Scaling
Factor vs. Temperature
0
50
100
150
200
250
300
350
400
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
VAUX On-Resistance
(RDS(ON)) vs. Temperature
Test Circuit
M2
Si4435BDY
ONA
CFILTERA
GND
3VINA 3VSENSEA 3VGATEA
VAUXA
R1
10k
R3VSENSEA
0.010Ω
R5
15Ω
C3VGATE
22nF
M1
Si4410DY
0.1µF
0.1µF
CMILLER
22nF
+3.3VOUTA
+3.3V
CFILTER
0.047µF
(Additional pins omitted for clarity - Slot A shown only)
AUXENA
VSTBYA
/FAULTA
R2
10k
SIGNALS
UNDER
SOFTWARE
CONTROL
R3
10k
12VINA 12VSENSEA
12VGATEA
R6
15Ω
CIN2
220µF
+12V
R12VSENSEA
0.025Ω
CGS
10nF
0.1µF
CLOAD2
100µF
CLOAD1
100µF
+12VOUTA
+3.3AUXA
12VOUTA
3VOUTA
MIC2591B
/PWRGDA
VSTBY
R4
10k
CIN1
220µF
CLOAD3
1µF
MIC2591B Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com