Electronic Components Datasheet Search
  English  ▼

X  

MIC2591B Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2591B
Description  Dual-Slot PCI Express Hot-Plug Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2591B Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2591B Datasheet HTML 17Page - Micrel Semiconductor MIC2591B Datasheet HTML 18Page - Micrel Semiconductor MIC2591B Datasheet HTML 19Page - Micrel Semiconductor MIC2591B Datasheet HTML 20Page - Micrel Semiconductor MIC2591B Datasheet HTML 21Page - Micrel Semiconductor MIC2591B Datasheet HTML 22Page - Micrel Semiconductor MIC2591B Datasheet HTML 23Page - Micrel Semiconductor MIC2591B Datasheet HTML 24Page - Micrel Semiconductor MIC2591B Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
MIC2591B
Micrel
March 2005
21
M9999-033105
of the fault conditions listed above and deasserted when
one or all STAT[A/B] Register Bits D[4], D[2], D[0] and/or CS
Register Bits D[2], D[1] are reset upon the execution of an
SMBus “echo reset” WRITE_BYTE cycle. For polled-mode
operation,theINTMSKbitshouldbesettoLogical“1,”thereby
inhibiting /INT output pin operation.
ForthoseSMI-controlapplicationswherethe/FORCE_ON[A/B]
inputsareneededfordiagnosticpurposes,the/FORCE_ON[A/B]
inputs must be enabled; that is, CNTRL[A/B] Register Bit
D[2] should read Logical “0.” Once /FORCE_ON[A/B] inputs
are asserted, all output voltages are present with all circuit
protection features disabled, including overtemperature pro-
tection on VAUX[A/B] outputs. To inhibit /FORCE_ON[A/B]
operation, a Logical “1” shall be written to the CNTRL[A/B]
Register Bit D[2] location(s).
HPI-only Control Applications
In applications where the MIC2591B is controlled only by the
HPI, SMBus signals SCL, SDA, and /INT signals are con-
nected to VSTBY as shown in Figure 6. In this configuration,
STBY
STBY
the MIC2591B’s /FAULT[A/B] outputs are activated after
power-on-reset and become asserted when:
EitherorbothexternalON[A/B]andAUXEN[A/B]inputsignals
are asserted, AND
• 12VIN[A/B], 3VIN[A/B], or VSTBY[A/B] input volt-
age is lower than its respective ULVO threshold,
OR
• The fast OC circuit breaker[A/B] has tripped, OR
• The slow OC circuit breaker[A/B] has tripped AND
its filter timeout[A/B] has expired, OR
• The slow OC circuit breaker[A/B] has tripped AND
Slot[A/B] die temperature > 140°C, OR
• The MIC2591B’s global die temperature > 160°C
In order to clear /FAULT[A/B] outputs once asserted, either
or both ON[A/B] and AUXEN[A/B] input signals must be
deasserted. Please see /FAULT[A/B] pin description for ad-
ditional information.
If the /FORCE_ON[A/B] inputs are used for diagnostic pur-
poses, both /FAULT[A/B] and /PWRGD[A/B] outputs are
deasserted once /FORCE_ON[A/B] inputs are asserted.
Serial Port Operation
The MIC2591B uses standard SMBus Write_Byte and
Read_Byte operations for communication with its host. The
SMBus Write_Byte operation involves sending the device’s
/INT*
/FAULT_[A/B]
I3VOUT[A/B]
3VOUT[A/B]
IAUX_OUT[A/B]
VAUX_OUT[A/B]
AUXEN[A/B]
0
0
V
IH
V
IH
V
IL
V
IH
I
LIM(3V)
I
STEADY-STATE
ON[A/B]
0
0
0
0
0
0
0
V
IH
V
IL
+3.3V
tPOR
VSTBY
UVLO
tFLT
tFLT
I
LIM(AUX)
I
STEADY-STATE
0
0
*
*
* /INT de-asserted by software
12VOUT[A/B]
/PWRGD_[A/B]
Figure 9. Hot-Plug Interface Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com