Electronic Components Datasheet Search
  English  ▼

X  

TO-263 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TO-263
Description  N-Channel 100-V (D-S) 175 °C MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-263 Datasheet(HTML) 4 Page - Vishay Siliconix

  TO-263 Datasheet HTML 1Page - Vishay Siliconix TO-263 Datasheet HTML 2Page - Vishay Siliconix TO-263 Datasheet HTML 3Page - Vishay Siliconix TO-263 Datasheet HTML 4Page - Vishay Siliconix TO-263 Datasheet HTML 5Page - Vishay Siliconix TO-263 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 71141
S-61008–Rev. D, 12-Jun-06
Vishay Siliconix
SUP/SUB85N10-10
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
Avalanche Current vs. Time
0.0
0.5
1.0
1.5
2.0
2.5
- 50 - 25
0
25
50
75
100
125
150
175
TJ − Junction Temperature (°C)
VGS = 10 V
ID = 30 A
tin (Sec)
1000
10
0.00001
0.001
0.1
1
0.1
0.01
IAV (A) at T A = 150 °C
100
1
0.0001
IAV (A) at T A = 25 °C
Source-Drain Diode Forward Voltage
TJ - Drain-Source Breakdown
vs. Junction-Temperature
VSD− Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
TJ = 25 °C
TJ = 150 °C
0
90
100
110
120
130
140
- 50
- 25
0
25
50
75
100
125
150
175
TJ − Junction Temperature (°C)
ID = 250 µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com