Electronic Components Datasheet Search
  English  ▼

X  

TRS3223CPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS3223CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3223CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TRS3223CPWR Datasheet HTML 1Page - Texas Instruments TRS3223CPWR Datasheet HTML 2Page - Texas Instruments TRS3223CPWR Datasheet HTML 3Page - Texas Instruments TRS3223CPWR Datasheet HTML 4Page - Texas Instruments TRS3223CPWR Datasheet HTML 5Page - Texas Instruments TRS3223CPWR Datasheet HTML 6Page - Texas Instruments TRS3223CPWR Datasheet HTML 7Page - Texas Instruments TRS3223CPWR Datasheet HTML 8Page - Texas Instruments TRS3223CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
TRS3223
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS816 – JULY 2007
See Figure 6
MIN
NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
DIN, EN, PWRDOWN,
VIH
Driver and control high-level input voltage
V
FORCEON
VCC = 5 V
2.4
VIL
Driver and control low-level input voltage
DIN, EN, PWRDOWN, FORCEON
0.8
V
Driver and control input voltage
DIN, EN, PWRDOWN, FORCEON
0
5.5
V
VI
Receiver input voltage
–25
25
V
TRS223C
0
70
TA
Operating free-air temperature
°C
TRS223I
–40
85
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
Input leakage
EN, FORCEOFF,
II
±0.01
±1
μA
current
FORCEON
No load,
Auto-powerdown
FORCEOFF and
0.3
1
mA
disabled
FORCEON at VCC
No load, FORCEOFF at
Powered off
1
10
VCC = 3.3 V or 5 V,
GND
ICC
Supply current
TA = 25°C
No load, FORCEOFF at
μA
VCC,
Auto-powerdown
FORCEON at GND,
1
10
enabled
All RIN are open or
grounded
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com