Electronic Components Datasheet Search
  English  ▼

X  

TRS3223CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TRS3223CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3223CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRS3223CPWR Datasheet HTML 7Page - Texas Instruments TRS3223CPWR Datasheet HTML 8Page - Texas Instruments TRS3223CPWR Datasheet HTML 9Page - Texas Instruments TRS3223CPWR Datasheet HTML 10Page - Texas Instruments TRS3223CPWR Datasheet HTML 11Page - Texas Instruments TRS3223CPWR Datasheet HTML 12Page - Texas Instruments TRS3223CPWR Datasheet HTML 13Page - Texas Instruments TRS3223CPWR Datasheet HTML 14Page - Texas Instruments TRS3223CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
15
14
8
1
2
3
4
7
DIN1
FORCEOFF
FORCEON
13
DOUT1
20
17
16
19
18
ROUT1
5
6
+
−
C3
VCC
C2+
C1
C2
C1+
GND
V−
C1−
RIN1
C2−
+
−
CBYPASS
V+
+
−
+
−
DOUT2
VCC
C1
C2, C3, C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1
µF
0.047
µF
0.1
µF
0.1
µF
0.33
µF
0.47
µF
VCC vs CAPACITOR VALUES
EN
C4
+
−
9
10
Auto-
Powerdown
12
11
DIN2
INVALID
RIN2
ROUT2
† C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be connected
as shown.
†
= 0.1
µF
5 k
Ω
5 k
Ω
TRS3223
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS816 – JULY 2007
Figure 6. Typical Operating Circuit and Capacitor Values
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com