Electronic Components Datasheet Search
  English  ▼

X  

206-2 Datasheet(PDF) 13 Page - THAT Corporation All rights reserved.

Part # 206-2
Description  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

206-2 Datasheet(HTML) 13 Page - THAT Corporation All rights reserved.

Back Button 206-2 Datasheet HTML 9Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 10Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 11Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 12Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 13Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 14Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 15Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 16Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 17Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
THAT 626x DEMO Datasheet
Page 13 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
Appendix B. Bill of Materials – 626x-DEMO Motherboard
Item #
Description
Quantity Designator
Manufacturer
Mfr P/N
1
Cap 47uF 63V 20% Aluminum Radial
1
C1
Nichicon
UFW1J470MED
2
Cap 10u 25V 20% Aluminum SMD 4.3x4.3
6
C2, C4, C19, C28, C37, C57
United Chemi-Con
EMVA250ADA100MD55G
3
Cap 22u 10V 20% Aluminum SMD 4.3x4.3
4
C3, C5, C8, C9
Panasonic
EEE-1AA220WR
4
Cap 22uF 63V NP 20% Aluminum Radial 8mm
4
C6, C16, C32, C42
Nichicon
UVP1J220MPD
5
Cap 22p 50V 5% NPO Ceramic SMD 0603
12
C7, C10, C17, C18, C26, C27, C33,
C36, C43, C44, C52, C53
KEMET Corporation
C0603C220J5GAC
6
Cap 0603
2
C12, C31
7
Cap 220p 50V 5% NPO Ceramic SMD 0603
6
C13, C14, C24, C39, C40, C50
TDK
C1608C0G1H221J
8
Cap 10u 10V NP 20% Aluminum SMD 4mm
4
C21, C25, C47, C51
Nichicon
UWP1A100MCL1GB
9
Cap 100nF 50V X7R Ceramic SMD 0603
5
C38, C45, C48, C49, C64
Murata Electronics
GRM188R71H104K
10
Cap 470uF 10V 20% aluminum SMD 6.3mm
2
C58, C62
Panasonic
EEE-FTA471XAP
11
Cap 1uF 20% 35V AL SMT Lo ESR
1
C63
Panasonic
EEE-FC1V1R0R
12
Cap 220uF 16V 20% aluminum SMD 6.3mm
1
C100
Panasonic
EEE-FT1C221AP
13
LED Red 0603
5
D1, D10, D11, D12, D14
OSRAM Opto Semiconductors
LS L29K-G1J2-1-Z
14
Diode Sckottky 60V 2A SMD SOD128
8
D2, D3, D4, D5, D6, D7, D8, D9
Nexperia
PMEG6020AELPX
15
Diode S1G 1A 400V SMD DO-214AC (SMA)
4
D13, D16, D17, D100
Diodes, Inc.
S1G-13-F
16
3p female XLR & TRS chassis mount
2
J1, J3
Neutrik USA Inc.
NCJ6FI-H
17
5-Way Binding Post Chassis Mount Yellow
1
J2
Pomona Electronics
3760-4
18
5-Way Binding Post Chassis Mount Green
3
J4, J6, J101
Pomona Electronics
3760-5
19
5-Way Binding Post Chassis Mount Red
1
J5
Pomona Electronics
3760-2
20
5-Way Binding Post Chassis Mount Black
1
J7
Pomona Electronics
3760-0
21
5-Way Binding Post Chassis Mount Grey
1
J100
Pomona Electronics
3760-8
22
XLR-3C male right angle chassis mount
2
P1, P5
Neutrik USA Inc.
NC3MAH
23
Conn Header 3p Male Vert Locking 0.1 Tin
4
P2, P3, P4, P9
AMP
640456-3
24
Conn Header 3x2 6p Male Vert 0.1 Gold
2
P11, P12
3M
2306-6121TG
25
Conn Header 6p Male Vert 0.1 Gold
2
P13, P14
Molex
22-28-4063
26
Conn Header 2p Male Vert Locking 0.1 Tin
1
P15
AMP
640456-2
27
Conn Header Shrouded 8p Male Vert 0.1 Gold
2
P100A, P100B
Molex
70543-0007
28
Conn Header Shrouded 6p Male Vert 0.1 Gold
7
P103A, P103B, P104, P105, P106,
P107, P108
Molex
70543-0005
29
Printed Circuit Board
1
PCB1
THAT Corporation
xxxxxx
30
Transistor DSS4320T NPN 20V 2A SOT-23
1
Q1
Diodes, Inc.
DSS4320T-7
31
Res 49R90 1% 0.25W Thick Film SMD 1206
5
R1, R6, R16, R22, R35
Panasonic
ERJ-8ENF49R9V
32
Res 1M2 1% 0.125W Thick Film SMD 0805
1
R2
Vishay Dale
CRCW08051M21FKEA
33
Res 100k 1% 100mW Thick Film 100ppm 0603
9
R3, R18, R21, R27, R28, R36, R51,
R52, R82
Vishay Dale
CRCW0603100KFKEA
34
Res 6k81 0%1 1/4W Metal Film 25ppm axial
4
R4, R5, R30, R31
IRC
RC55LF-D-6K81-B-B
35
Res 10k0 1% 0.1W Thick Film SMD 0603
11
R7, R62, R63, R64, R65, R66, R67,
R68, R75, R76, R106
Vishay Dale
CRCW06031002FRT1
36
Res 47k0 1% 0.125W Thick Film SMD 0805
1
R8
Yageo
RC0805FR-0747KL
37
Res 470R 1% 0.125W Thick Film SMD 0805
1
R9
Yageo
RC0805FR-07470RL
38
Res 100R0 1% 100mW Thin Film 25ppm SMD 0805
4
R10, R26, R34, R50
KOA Speer Electronics
RN732ATTD1000F25
39
Res 0R Thick Film SMT 0603
7
R11, R12, R15, R29, R33, R79, R80
Panasonic
ERJ-3GEY0R00V
40
Res 20R0 0%1 100mW Metal Film Axial
4
R13, R19, R37, R43
Vishay Dale
RN55C20R0BB14
41
Res 274k 1% 0.1W
1
R14
Panasonic
ERJ-3EKF2743V
42
Res 4k22 1% 125mW Thin Film 100ppm SMD 0805
2
R20, R44
Yageo
RC0805FR-074K22L
43
Res 3k48 1% 0.125W Thick Film 100ppm SMD
0805
4
R24, R25, R48, R49
Panasonic
ERJ-6ENF3481V
44
Res 330R 1% 0.125W Thick Film SMD 0805
7
R39, R45, R57, R73, R74, R77, R78
Yageo
RC0805FR-07330RL
45
Res 49R9 1% 100mW Thick Film SMT 0603
15
R40, R42, R46, R47, R53, R54, R55,
R56, R58, R59, R60, R61, R69, R70,
R71
Vishay Dale
CRCW060349R9FKTA
46
Res 73.2k 1% 0.1W
1
R81
TE Connectivity
CPF0603F73K2C1
47
Res OPEN SMD 0805
2
R100, R101
Do Not Install
48
Screw 4-40 X 1/4" PHILLIPS PAN HEAD SS
5
SC1, SC2, SC3, SC4, SC5
McMaster-Carr
91772A106
49
Standoff 4-40 X 1/4" X 1" HEX AL
5
SO1, SO2, SO3, SO4, SO5
RAF Electronic Hardware
2112-440-AL-7
50
Switch DPDT push-push action
1
SW1
E-Switch
PBH2UEENAGX
51
Switch SPST 2 sections Gold
1
SW2
CTS Electrocomponents
206-2
52
Test Point SMT 2.5 X 4.50
13
TP1, TP2, TP4, TP6, TP7, TP8, TP9,
TP10, TP11, TP12, TP16, TP19, TP20
Keystone Electronics Corp.
5016
53
IC LM340 Volt Reg +5V SOT-223-4
1
U1
Texas Instruments
LM340MP-5.0/NOPB
54
IC 74LVC157 Quad 2-In Multiplexer 16SSOP
1
U2
NXP
74LVC157ADB,112
55
Module USB FT232R W/18F2410
1
U3
DLP Design, Inc
DLP-232PC
56
Single 2-Input Multiplexer
1
U4
Nexperia
74LVC1G157GV, 125
57
Single 2-Input AND Gate
1
U5
TI
SN74LVC1G08DBVR
58
IC MAX604 Volt Reg Adj 3.3V 0.5A 8SOIC
1
U6
Maxim / Dallas
MAX604CSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com