Electronic Components Datasheet Search
  English  ▼

X  

206-2 Datasheet(PDF) 6 Page - THAT Corporation All rights reserved.

Part # 206-2
Description  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

206-2 Datasheet(HTML) 6 Page - THAT Corporation All rights reserved.

Back Button 206-2 Datasheet HTML 2Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 3Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 4Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 5Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 6Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 7Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 8Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 9Page - THAT Corporation All rights reserved. 206-2 Datasheet HTML 10Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
THAT 626x DEMO Datasheet
Page 6 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
ADCs has precious little current drive capability and it is
highly recommended that an opamp buffer be used
ahead of the VCM input in order to avoid problems
associated with the current draw from the on-board
VCM bias resistors.
USB
A PC must be plugged into the demo board via USB
in order to control parameters in the 626x. Take care
not to hot plug the demo board while the GUI software is
running as this will sometimes crash the Windows
drivers. If USB communication is interrupted or lost
while the demo board is running, simple use the “Re-
connect” command from the GUI panel to re-establish
communication from the PC to the 626x.
General Purpose Outputs and Busy Signal
Outputs
Each channel of the 626x provides two GPO outputs
in addition to a digital busy signal (BSY). These pins are
connected to header P14 via small series resistors. The
GPOs are also connected directly to LEDs D10, D11,
D12, and D14 using 330 Ω series resistors. The on-
board LEDs provide a convenient means for quickly
verifying connectivity when using the USB interface with
our software GUI.
Connecting Multiple Demo Boards in Daisy
Chain Mode
Headers P11 and P12 provide easy access to the SPI
input and output signals for linking multiple sets 626x
channels. Please refer to the 626x Data Sheet for
complete details. Note that the on-board DIP switches
SW2-1 and SW2-2 control the Daisy Chain function.
These switches must to set to the OFF position (toward
the bottom of the board) in order to insure proper
operation when using the USB interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com