Electronic Components Datasheet Search
  English  ▼

X  

LHVC2010 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # LHVC2010
Description  Lower Range High Voltage Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LHVC2010 Datasheet(HTML) 1 Page - Welwyn Components Limited

  LHVC2010 Datasheet HTML 1Page - Welwyn Components Limited LHVC2010 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lower Range High Voltage Chip Resistors
LHVC Series
Superior voltage performance over commercial range chips
0805, 1206 and 2010 sizes
Resistance 50Kohms to 10Mohms
RoHS compliant
Electrical Data
LHVC0805
LHVC1206
LHVC2010
Power rating at 70C
watts
0.125
0.25
0.5
Resistance range
ohms
100K to 10M
100K to 10M
50K to 10M
Limiting element voltage
dc volts
300
400
800
5s Overload voltage
dc volts
800
1000
3000
Dielectric withstand voltage
volts
500V
TCR
ppm/°C
±200
Resistance tolerance
%
1, 5
Standard values
E24 (5% tolerance) & E96 (1% tolerance)
Ambient temperature range
°C
-55 to +155
Physical Data
Dimensions in mm
Type
LW
T
D1
D2
Nom wt. (g)
LHVC0805 2.00 ±0.15 1.25 +0.15/-0.10 0.55 ±0.10 0.40 ±0.20 0.40 ±0.20
0.005
LHVC1206 3.10 ±0.15 1.55 +0.15/-0.10 0.55 ±0.10 0.45 ±0.20 0.45 ±0.20
0.012
LHVC2010 5.00 ±0.10 2.50 +0.15/-0.10 0.55 ±0.10 0.60 ±0.25 0.50 ±0.20
0.036
Construction
Pd/Ag terminations are applied to the top and bottom of an alumina
substrate. A resistive element is printed between the top face
conductors, which is then adjusted to value and protected.
A wraparoundconductor is applied to join the top and bottom
sides. The terminations are electroplated with a Ni barrier layer prior
to plating with a Sn finish.
Solvent Resistance
The body protection and marking are resistant to all normal industrial
solvents suitable for printed circuits.
Flammability
The resistor will not burn or emit incandescent particles under any
condition of applied temperature or overload.
Solderability
95% min coverage (MIL-STD 202F / 208H, 235C 2 secs)
Welwyn Components
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
02 . 08


Similar Part No. - LHVC2010

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LHVC2010 TTELEC-LHVC2010 Datasheet
284Kb / 2P
Resistance 50K to 10M
More results

Similar Description - LHVC2010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
High Voltage Chip Resistors
02-Oct-14
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
High Voltage Chip Resistors
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
logo
Rohm
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
High Voltage Resistance Chip Resistors
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
High Voltage Resistance Chip Resistors
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
HIGH VOLTAGE CHIP RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com