Electronic Components Datasheet Search
  English  ▼

X  

LHVC2010 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # LHVC2010
Description  Lower Range High Voltage Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LHVC2010 Datasheet(HTML) 2 Page - Welwyn Components Limited

  LHVC2010 Datasheet HTML 1Page - Welwyn Components Limited LHVC2010 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting
(nominal dimensions in mm)
Type
A
B
C
LHVC0805
1.0
0.8
1.50
LHVC1206
2.0
1.0
1.75
LHVC2010
4.0
1.2
2.75
Performance Data
Maximum
Load at rated power (1000hrs cyclic load at 70C)
R%
±3
De-rating from rated power at 70C
See Graph
Short term overload (6.25 x rated power for 5s)
R%
±2 (0805, 2010): ±3(1206)
Temperature rapid change (-55 / +155ºC, 5 cycles)
R%
±0.5 (1% tolerance chips): ±1 (5% tolerance chips)
Damp heat steady state
R%
±3
Insulation resistance
ohms
>1000MΩ
Power de-rating graph
Packaging
The standard packing for LHVC0805 and 1206 parts is on 8mm wide paper tapewound on 178mm diameter reels.
LHVC2010 parts are packed in plastic 12mm wide tape on a 178mm reel.
Ordering Procedure
Example: LHVC0805 at 100k ohms and 1% tolerance on reel of 5000 pieces:
LHVC0805 – 100K F T 5
Type
Value (use IEC62code)
Tolerance (use IEC62code)
F
1%
J
5%
Packing
T5
0805 / 1206
5,000 / reel
T4
Tape
2010
4,000 / reel
Standard
B
C
A
Proportion of Pr
T (°C)
100%
0%
-55
70
155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Lower Range High Voltage Chip Resistors
LHVC series
Welwyn Components
02 . 08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com